Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 83 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 83 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 79Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 80Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 81Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 82Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 83Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 84Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 85Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 86Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 87Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
83
8Bit Single Chip Microcontroller
DMC73C167
6. OTP DEVICE SPECIFICATIONS
6.1 Pin Assignment of OTP Programming Adapter Board
The 73CE167 can be programmed like any TMS27C128 on a wide variety of EPROM programmers.
Programming the 73CE167 requires a 54-to-28 pin adapter socket with the XRESET and OSCIN
pins grounded.
The following diagram shows the connections that need to be made on the 54-to-28 pin socket.
Figure 6-1. Required Connections on 54-to-28 Pin Adapter Socket
20
XE
PWM0 (14bit)
1
54
VCC
VCC
28
PWM1_0 (6bit)
2
53
A7/POWER CTL
A6
4
PWM1_1 (6bit)
3
52
SCL
XG
22
PWM1_2 (6bit)
4
51
SDA
XPGM
27
PWM1_3 (6bit)
5
50
A6
A5
5
PWM1_4 (6bit)
6
49
A5/INT5_0
A4
6
PWM1_5 (6bit)
7
48
A4/INT3_0
A3
7
PWM1_6 (6bit)
8
47
A3/INT1
A2
8
PWM1_7 (6bit)
9
46
A1/ECI1
A0
10
PWM1_8 (6bit)
10
45
/RESET
GND
14
B0/T1OUT(OPEN D)
11
44
OSC OUT(CPU)
B1/T3OUT(OPEN D)
12
43
OSC IN(CPU)
GND
14
B2(OEPN DRAIN)
13
42
TEST
VPP
1
B3(OEPN DRAIN)
14
41
A2/ECI2
A1
9
3
A7
B4(OEPN DRAIN)
15
40
OSC OUT(OSD)
25
A8
B5(OEPN DRAIN)
16
39
OSC IN(OSD)
GND
14
24
A9
B6(OEPN DRAIN)
17
38
/Vsync
GND
14
21
A10
B7(OEPN DRAIN)
18
37
/Hsync
GND
14
14
GND
A0/4BIT ADC
19
36
Yout or /Yout
11
Q1
C0
20
35
BLUE
12
Q2
C1
21
34
GREEN
13
Q3
C2
22
33
RED
GND
VCC
15
Q4
C3
23
32
D3-CH/XUROM
14 OR 28 D S/W
16
Q5
C4
24
31
D2
A13
26
17
Q6
C5
25
30
D1
A12
2
18
Q7
C6
26
29
D0
A11
23
14
GND
VSS
27
28
C7
Q8
19
SOCKET
PIN
T27C128
FUNC.
73CE167 PIN CONFIGURATION
T27C128
FUNC.
SOCKET
PIN
7
3
C
E
1
6
7
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com