Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 9 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 9 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 9Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 10Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 11Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 12Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 13Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
9
8Bit Single Chip Microcontroller
DMC73C167
3.2 Recommended Operating Conditions
Parameter
Symbol
Port
Min
Typ
Max
Unit
Supply voltage*
VCC
4.5
5.5
V
Operating free-air
TOPR
-10¡É
70¡É
Deg
temperature range**
High-level input voltage
VIH
OSC IN***
VCC-0.7
VCC
V
Except OSC IN****
VCC-1.0
VCC
V
Low-level input voltage
VIL
OSC IN***
VSS
0.4
V
Except OSC IN****
VSS
1.1
V
Positive-going threshold
VT+ #
A3-A5, /RESET
2.5
4.0
V
Negative-going threshold
VT- #
A3-A5, /RESET
1.0
2.0
V
Hysteresis
VH #
A3-A5, /RESET, /Hsync,
1.0
V
/Vsync, SCL, SDA
Oepn-drain port supply
PORT B0-B3, PWM1_n
4.5
12
14.0
V
voltage
PORT B4-B7, SCL, SDA
4.5
5
5.5
V
Analog input voltage
A0
VSS
VCC
V
*
Ripple must not exceed 50mVp-p
**
See A/D Converter Characteristics
*** OSCIN means both CPU and OSD OSCIN
**** Except Schmitt-trigger inputs
££
VCC = 5.0V
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com