Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 30 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 30 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 26Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 27Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 28Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 29Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 30Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 31Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 32Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 33Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 34Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
30
8Bit Single Chip Microcontroller
DMC73C167
P0 0104h IOCTL4 Interrupt Control 4
Bit
7
6
5
4
3
2
1
0
R
Not used
INT5_2F
INT5_2E
INT5_1F
INT5_1E
INT5_0F
INT5_0E
W
-
-
INT5_0C
Notes :
Different names are labeled for those bits which have a different read/write operation
at the same bit position in the peripheral registers.
Table 5-12. P0 0100h IOCTL0 Interrupt control 0
Bit
7
6
5
4
3
2
1
0
R
0
0
INT3F
INT3E
INT2F
INT2E
INT1F
INT1E
W
INT1CLR
INT3 GLOBAL
INT2 GLOBAL
EXTERNAL INT1
Bit 0
INT1E. External Interrupt 1 Enable.
0 = INT1 disabled
1 = INT1 enabled
Bit 1
INT1F. External Interrupt 1 Flag.
0 = INT1 not requested.
1 = INT1 pending
Bit 2
INT2E. Interrupt 2 Enable
Enables and disables INT2_0 (Timer 1) and INT2_1 (Timer 2)
0 = Disables INT2.
1 = Enables INT2.
Bit 3
INT2F Interrupt 2 Flag
Any INT2_0 or INT2_1 interrupt request sets this bit to 1. To clear this bit,
write 1 to INT2_0C or INT2_1C of IOCTL3 register, the corresponding bit
of interrupt requested.
0 = INT2_0 and INT2_1 are not requested.
1 = INT2_0 or INT2_1 is pending
Bit 4
INT3E. Interrupt 3 Enable
Enables and disables INT3_0 (External) and INT3_1 (Timer 3)
0 = Disables INT3.
1 = Enables INT3.
Bit 5
INT3F. Interrupt 3 Flag
Any INT3_0 or INT3_1 interrupt request sets this bit to 1. To clear this bit,
write 1 to INT3_0C or INT3_1C of IOCTL3 register, the corresponding bit
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com