Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 43 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 43 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 39Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 40Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 41Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 42Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 43Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 44Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 45Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 46Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 47Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
43
8Bit Single Chip Microcontroller
DMC73C167
Bit 7
START. Timer 2 Start/stop Control
0 = Stops Timer 2.
1 = Starts Timer 2.
Table 5-24. P26 011Ah T3DATA Timer 3 Data
Bit
7
6
5
4
3
2
1
0
R
8-bit Timer Decrementer Value
W
8-bit Timer Reload Register
Table 5-25. P27 011Bh T3CTL1 Timer 3 Control
Bit
7
6
5
4
3
2
1
0
R
Capture Latch Value
W
START
T3SRC
Not Used
Prescaler Reload
Read : Provides the value of the capture register which contains the latched value
of the decrementer register when INT3_0 was most recently activated.
Write : Timer 3 control as below.
Bits 0, 1 Rescaler Road. Reload the 2-bit Prescaler Reload Register.
Bits 2-5
Not used.
Bit 6
T3SRC. Select Timer 3 Clock Source.
0 = Internal clock (Fosc/4).
1 = Timer 2 underflow (Cascade mode)
Bit 7
START. Timer 3 Start/stop Control
0 = Stops Timer 3.
1 = Starts Timer 3.
5.5.2.2 Real-Time Clock (RTC)
In real-time clock mode, the internal Fosc/4 is the decrementer clock source. Each positive
pulse transition of the Fosc/4 period signal decrements the counter chain.
5.5.2.3 Event Counter (EC)
When Timer 2 is in event counter mode, port A2 (ECI2) is the decrementer clock source for
Timer 2. The maximum clock frequency on A2 in event counter mode must not be greater
than Fosc/4. The minimum pulse duration must not be less than 2/Fosc. Each positive pulse
transition decrements the counter chain. It is not possible for Timer 3 to be in event counter
mode.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com