Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 63 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 63 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 59Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 60Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 61Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 62Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 63Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 64Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 65Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 66Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 67Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
63
8Bit Single Chip Microcontroller
DMC73C167
5.8 6-bit PWM (PWM1_0-PWM1_8)
5.8.1 Description of PWM1
The DMC73C167 microcontrollers feature nine PWM output ports.
Each port contains 6-bit resolution.
The ports are provided for the application of analog circuit control when combined
with an external low pass filter circuit. As shown in Figure 5-14, the 6-bit PWM is
composed of a 6-bit timer, two 6-bit latches, and two 6-bit comparators. When
started the 6-bit timer is filled up with 3Fh and increments during every period of
Fosc/16. The 6-bit timer is used for all 6-bit PWMs in common. For any of the nine
PWMs to start, the 6-bit timer must already be started. If the value of the 6-bit timer
is greater than a value of the latched 6-bit data, the comparator output is logic high
status.
Each PWM output port contains its own polarity control bit, which enables the port to
be selected as inverted or non-inverted output. If the PWM function is not required,
the port to be selected as inverted or non-inverted output. If the PWM function is not
required, the port could easily be used as a normal digital output port through polarity
control.
Notes:
PWM1_0-PWM1_8 ports are +12 V open-drain output.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com