Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 86 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 86 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 82Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 83Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 84Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 85Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 86Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 87Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 88Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 89Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 90Page - Daewoo Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
86
8Bit Single Chip Microcontroller
DMC73C167
6.1.1 Control Register of 73CE167 (OTP)
Table 6-1. P67 0143h Yout Polarity Control
Table 6-2. P77 014Dh APORT Pull-up TR Control Register
Table 6-3. P78 014Eh B/D PORT Pull-up TR Control Register
Yout
POLARIT
3
Yout Polarity. (R/W)
Value After Reset
Not Used
2
1
0
7
6
5
4
Bit
R
W
Bit 7
0 = No change
High active.
1 = Changes polarity
Low active.
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.
76543210
00000000
A7
3
APORT Pull-up TR Control Data.
Value After Reset
2
1
0
7
6
5
4
Bit
R
W
A7 - A0
0 = Pull-up TR on.
1 = Pull-up TR off.
A2
A1
A0
A5
A4
A3
A6
B7
3
BPORT Pull-up TR Control Data.
2
1
0
7
6
5
4
Bit
R
W
B7 - B4
0 = Pull-up TR on.
1 = Pull-up TR off.
D2
D1
D0
B5
B4
D3
B6
DPORT Pull-up TR Control Data.
D3 - D0
0 = Pull-up TR on.
1 = Pull-up TR off.
76543210
00000000
Value After Reset
76543210
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com