Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 29 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 29 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 25Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 26Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 27Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 28Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 29Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 30Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 31Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 32Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 33Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
29
8Bit Single Chip Microcontroller
DMC73C167
(IOCTL3), and P4 (IOCTL4) of the peripheral file. The individual interrupt mask and resets
are controlled through these registers. The interrupt sources may also be individually
tested by reading the interrupt flags or corresponding input ports. The INTn FLAG values
are independent of the INTn ENABLE values. Writing a 1 to the INTn CLEAR bit will clear
the corresponding INTn FLAG, but writing 0 to the INTn CLEAR bit has no effect on the bit.
For INTn to be recognized by the CPU, three conditions must be met.
1) A 1 must be written to the INTn ENABLE bit in the IOCTL0, IOCTL1, IOCTL3, or IOCTL4
register.
2) The global INTERRUPT ENABLE bit, that is bit 4 in the status register, must be set to 1
by the EINT instruction.
3) INTn must be the highest priority interrupt asserted within an instruction boundary.
Table 5-11. Interrupt Control Registers
P0 0100h IOCTL0 Interrupt Control 0
Bit
7
6
5
4
3
2
1
0
R
0
0
INT3F
INT3E
INT2F
INT2E
INT1F
INT1E
W
INT1CLR
P0 0101h IOCTL1 Interrupt Control 1
Bit
7
6
5
4
3
2
1
0
R
Not used
INT5F
INT5E
INT4F
INT4E
W
INT4CLR
P0 0102h IOCTL2 Interrupt Control 2
Bit
7
6
5
4
3
2
1
0
R
Not used
INT3_0
INT1
INT5_0
W
EDGE
EDGE
EDGE
P0 0103h IOCTL3 Interrupt Control 3
Bit
7
6
5
4
3
2
1
0
R
INT3_1F
INT3_1E
INT3_0F
INT3_0E
INT2_1F
INT2_1E
INT2_0F
INT2_0E
W
INT3_1C
INT3_0C
INT2_1C
INT2_0C
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com