Electronic Components Datasheet Search
  English  ▼

X  

DMC73C167 Datasheet(PDF) 36 Page - Daewoo Semiconductor

Part # DMC73C167
Description  8Bit Single Chip Microcontroller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC73C167 Datasheet(HTML) 36 Page - Daewoo Semiconductor

Back Button DMC73C167 Datasheet HTML 32Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 33Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 34Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 35Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 36Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 37Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 38Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 39Page - Daewoo Semiconductor DMC73C167 Datasheet HTML 40Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
36
8Bit Single Chip Microcontroller
DMC73C167
1) The port using as the interrupt input should be in the input mode. The output mode may
cause damage to the device. If the contents of the corresponding output port are changed
from 1 to 0, the interrupt flag will also set to 1.
2) If not used as the interrupt input, the corresponding interrupt enable should be disabled.
But even with the disabling of this interrupt enable, the interrupt flag will be changed.
The external interrupt timing is shown in Figure 5-6. The device needs additional circuitry
when INT1, INT3_0, and IN 5_0 are used as zero-cross detectors as shown in Figure 5-7.
The following conditions are needed :
1) The external interrupt level should be in the range from VCC +0.3V to VSS. The input
current must not exceed the specification.
2) Noise on the interrupt signal should be minimized because the noise debounce logic is not
implemented on chip. The function may fail due to continuous interrupts.
Caution :
It is possible that the INTn flag bits in the IOCNT registers could be unintentionally cleared by
using bit manipulation instructions (ANDP/ORP & XORP). To avoid these occurences, use
the MOVP and STA instructions when writing Data to IOCNT registers.
Figure 5-3. External Interrupt Timing
VCC
VSS
External
Input
VT+
VT-
Interrupt
Happen
Last
Happen
1
0
Interrupt
Execution
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com