| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 158 Page - STMicroelectronics |
|
158 / 390 page ![]() UM0434 Instruction model 159/391 subfc. Subtract From Carrying and record CR Book E subfco Subtract From Carrying and record OV Book E subfco. Subtract From Carrying and record OV and CR Book E subfe Subtract From Extended with CA Book E subfe. Subtract From Extended with CA and record CR Book E subfeo Subtract From Extended with CA and record OV Book E subfeo. Subtract From Extended with CA and record OV and CR Book E subfic Subtract From Immediate Carrying Book E subfme Subtract From Minus One Extended with CA Book E subfme. Subtract From Minus One Extended with CA and record CR Book E subfmeo Subtract From Minus One Extended with CA and record OV Book E subfmeo. Subtract From Minus One Extended with CA and record OV & CR Book E subfo Subtract From and record OV Book E subfo. Subtract From and record OV and CR Book E subfze Subtract From Zero Extended with CA Book E subfze. Subtract From Zero Extended with CA and record CR Book E subfzeo Subtract From Zero Extended with CA and record OV Book E subfzeo. Subtract From Zero Extended with CA and record OV and CR Book E tlbivax TLB Invalidate Virtual Address Indexed Book E tlbre TLB Read Entry Book E tlbsx TLB Search Indexed Book E tlbsync TLB Synchronize Book E tlbwe TLB Write Entry Book E tw Trap Word Book E twi Trap Word Immediate Book E wrtee Write External Enable Book E wrteei Write External Enable Immediate Book E xor XOR Book E xor. XOR and record CR Book E xori XOR Immediate Book E xoris XOR Immediate Shifted Book E 1. An implementation can restrict the No. of bits shown in a mask. Devices using 16-bit instructions are limited to 16 bits, which allows the user to perform bit-reversed address computations for 65536 byte samples. 2. Not supported by e200z3 unless the integrated device includes a cache; treated as no-ops, with the exception of dcbz, which results in an alignment interrupt, and dcbi, which is treated as a privileged no-op. 3. See Chapter 5.7: Memory synchronization and reservation instructions 4. The core CPU will take an illegal instruction exception for unsupported DCR values. Table 112. Full instruction listing (continued) Mnemonic Instruction name Source |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |