Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 162 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 158Page - STMicroelectronics UM0434 Datasheet HTML 159Page - STMicroelectronics UM0434 Datasheet HTML 160Page - STMicroelectronics UM0434 Datasheet HTML 161Page - STMicroelectronics UM0434 Datasheet HTML 162Page - STMicroelectronics UM0434 Datasheet HTML 163Page - STMicroelectronics UM0434 Datasheet HTML 164Page - STMicroelectronics UM0434 Datasheet HTML 165Page - STMicroelectronics UM0434 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 390 page
background image
UM0434
Interrupts and exceptions
163/391
6.3
Exception syndrome register (ESR)
ESR, shown in
Table 115, provides a syndrome to distinguish exceptions that can generate
the same interrupt type. The e200z3 adds some implementation-specific bits to this register.
The ESR fields are described in
Table 116.
Debug
15
Trap, instruction address compare, data address compare, instruction
complete, branch taken, return from interrupt, interrupt taken, debug
counter, external debug event, unconditional debug event
Chapter 6.6.16
Reserved
6–31 —
—
SPE unavailable
32
See
Chapter 6.6.18: SPE APU unavailable interrupt (IVOR32).”
Chapter 6.6.18
SPE data
33
See
Chapter 6.6.19: SPE Floating-Point data interrupt (IVOR33).”
Chapter 6.6.19
SPE round
34
See
Chapter 6.6.20: SPE Floating-Point round interrupt (IVOR34).”
Chapter 6.6.20
1.
Vector to [p_rstbase[0:19]] || 0xFFC.
2.
Autovectored external & critical input interrupts, use this IVOR. Vectored interrupts supply an interrupt vector offset directly.
Table 114.
Exceptions and conditions (continued)
Interrupt type
IVOR
n
Cause
Section/page
Table 115.
Exception syndrome register (ESR)
32
35 36
37
38 39 40 41 42
43 44
45
46 47 48
55
56
57
58
59
61 62
63
Field
—
PIL PPR PTR FP ST — DLK ILK AP PUO BO PIE
—
SPE — VLEMI
—
MIF XTE
Reset
All zeros
R/W
R/W
SPR
SPR 62
Table 116.
ESR field descriptions
Bit(s)
Name
Description
Associated interrupt type
32–35
—
Reserved, should be cleared.
—
36
PIL
Illegal instruction exception
Program
37
PPR
Privileged instruction exception
Program
38
PTR
Trap exception
Program
39
FP
Floating-point operation
Alignment, data storage, data TLB, program
40
ST
Store operation
Alignment, data storage, data TLB
41
—
Reserved, should be cleared.
—
42
DLK
Data cache locking(1)
Data storage
43
ILK
Instruction cache locking
Data storage`
44
AP
Auxiliary processor operation. (unused in the
e200z3)
Alignment, data storage, data TLB, program
45
PUO
Unimplemented operation exception
Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com