Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 161 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 157Page - STMicroelectronics UM0434 Datasheet HTML 158Page - STMicroelectronics UM0434 Datasheet HTML 159Page - STMicroelectronics UM0434 Datasheet HTML 160Page - STMicroelectronics UM0434 Datasheet HTML 161Page - STMicroelectronics UM0434 Datasheet HTML 162Page - STMicroelectronics UM0434 Datasheet HTML 163Page - STMicroelectronics UM0434 Datasheet HTML 164Page - STMicroelectronics UM0434 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 390 page
background image
Interrupts and exceptions
UM0434
162/391
Table 114.
Exceptions and conditions
Interrupt type
IVOR
n
Cause
Section/page
System reset
(not an interrupt)
None
(1)
Reset by assertion of
p_reset_b
Watchdog timer reset control
Debug reset control
—
Critical input
0(2)
p_critint_b is asserted and MSR[CE]=1
Chapter 6.6.1
Machine check
1
p_mcp_b is asserted and MSR[ME] =1
ISI, ITLB error on first instruction fetch for an exception handler and
current MSR[ME] = 1
Write bus error on buffered store or cache line push and current
MSR[ME]=1
Bus error (XTE) with MSR[EE]=0 and current MSR[ME]=1
Chapter 6.6.2
Data storage
2
Access control
Byte ordering due to misaligned access across page boundary to
pages with mismatched E bits
Precise external termination error (
p_d_tea_b assertion and precise
recognition) and MSR[EE]=1
Chapter 6.6.3
Instruction
storage
3
Access control
Precise external termination error (
p_i_tea_b assertion and precise
recognition) and MSR[EE]=1
Byte ordering due to misaligned instruction across page boundary to
pages with mismatched VLE bits, or access to page with VLE set, and
E indicating little-endian.
Misaligned Instruction fetch due to a change of flow to an odd halfword
instruction boundary on a Book E (non-VLE) instruction page, due to
value in LR, CTR, or xSRR0
Chapter 6.6.4
External input
4
2.
p_extint_b is asserted and MSR[EE]=1
Chapter 6.6.5
Alignment
5
lmw, stmw not word aligned
lwarx or stwcx. not word aligned
dcbz with disabled cache, or no cache present, or to W or I storage
Chapter 6.6.6
Program
6
Illegal, privileged, trap, floating-point enabled, APU enabled,
unimplemented operation
Chapter 6.6.7
Floating-point
unavailable
7
MSR[FP] = 0 and attempt to execute a Book E floating-point operation
Chapter 6.6.8
System call
8
Execution of the system call (sc) instruction
Chapter 6.6.9
APU unavailable
9
Unused by the e200z3
Chapter 6.6.10
Decrementer
10
As specified in Book E
Chapter 6.6.11
Fixed-interval
timer
11
As specified in Book E
Chapter 6.6.12
Watchdog timer
12
As specified in Book E
Chapter 6.6.13
Data TLB error
13
Data translation lookup did not match a valid TLB entry.
Chapter 6.6.14
Instruction TLB
error
14
Instruction translation lookup did not match a valid TLB entry.
Chapter 6.6.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com