Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 165 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 161Page - STMicroelectronics UM0434 Datasheet HTML 162Page - STMicroelectronics UM0434 Datasheet HTML 163Page - STMicroelectronics UM0434 Datasheet HTML 164Page - STMicroelectronics UM0434 Datasheet HTML 165Page - STMicroelectronics UM0434 Datasheet HTML 166Page - STMicroelectronics UM0434 Datasheet HTML 167Page - STMicroelectronics UM0434 Datasheet HTML 168Page - STMicroelectronics UM0434 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 390 page
background image
Interrupts and exceptions
UM0434
166/391
6.4.1
Machine check syndrome register (MCSR)
When the core complex takes a machine check interrupt, it updates MCSR, shown in
Table 119, to identify machine check conditions. The MCSR also indicates whether the
source of a machine check condition is recoverable. When an MCSR bit is set, the core
complex asserts
p_mcp_out for system information.
Table 120 describes MCSR fields.
Interrupt vector prefix register (IVPR)
The IVPR, shown in
Table 121, is used during interrupt processing for determining the
starting address for the software interrupt handler. The value contained in the vector offset
field of the IVOR selected for a particular interrupt type is concatenated with the value in the
IVPR to form an instruction address from which execution is to begin.
59
DS
Data address space
0 The core directs all data storage accesses to address space 0 (TS=0 in the relevant TLB entry).
1 The core directs all data storage accesses to address space 1 (TS=1 in the relevant TLB entry).
60–61
—
Reserved, should be cleared.
62–63
—
Reserved, should be cleared.
Table 118.
MSR field descriptions
Bits
Name
Description
Table 119.
Machine check syndrome register (MCSR)
32 33
34
35
36
37
58
59
60
61
62 63
Field MCP — CP_PERR CPERR EXCP_ERR
—
BUS_IRERRBUS_DRERR BUS_WRERR —
Reset
All zeros
R/W
R/W
Table 120.
MCSR field Descriptions
Bits
Name
Description
Recoverable
32
MCP
Machine check input pin
Maybe
33
—
Reserved, should be cleared.
—
34
CP_PERR
Cache push parity error(1)
Unlikely
35
CPERR
Cache parity error1
Precise
36
EXCP_ERR
ISI, ITLB, or bus error on first instruction fetch for an interrupt handler
Precise
37–58
—
Reserved, should be cleared.
—
59
BUS_IRERR
Read bus error on instruction fetch
Unlikely
60
BUS_DRERR
Read bus error on data load
Unlikely
61
BUS_WRERR
Write bus error on buffered store or cache line push
Unlikely
62–63
—
Reserved, should be cleared.
—
1.
This bit is implemented but must never be set by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com