Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 166 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 162Page - STMicroelectronics UM0434 Datasheet HTML 163Page - STMicroelectronics UM0434 Datasheet HTML 164Page - STMicroelectronics UM0434 Datasheet HTML 165Page - STMicroelectronics UM0434 Datasheet HTML 166Page - STMicroelectronics UM0434 Datasheet HTML 167Page - STMicroelectronics UM0434 Datasheet HTML 168Page - STMicroelectronics UM0434 Datasheet HTML 169Page - STMicroelectronics UM0434 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 390 page
background image
UM0434
Interrupts and exceptions
167/391
IVPR fields are defined in
Table 122.
6.5
Interrupt vector offset registers (IVORn)
IVORs are used during interrupt processing for determining the starting address of a
software interrupt handler. The value in the vector offset field of the IVOR assigned to the
interrupt type is concatenated with the value in IVPR to form an instruction address at which
execution is to begin. The e200z3 also defines the low-order bits of the IVORs (defined as
zeros in Book E) as a context selector field to be used as the current context number once
interrupt handling begins when multiple hardware contexts are supported
(CTXCR[NUMCTX]
≠ 0). For forward compatibility, this field should be written to zero when
only a single context is supported because it will not be implemented and is read as zero.
The IVOR fields are defined in
Table 123.
Table 121.
IVPR register
32
47
48
63
Field
Vector Base
—
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 63
Table 122.
IVPR field descriptions
Bits
Name
Description
32–47
Vector
Base
Defines the base location of the vector table, aligned to a 64-Kbyte boundary. This field provides
the high-order 16 bits of the location of all interrupt handlers. The contents of the IVOR
n
appropriate for the type of exception being processed are concatenated with the IVPR vector base
to form the address of the handler in memory.
48–63
—
Reserved, should be cleared.
32
47 48
59 60
63
Field
—
Vector Offset
—
CS
Reset
Unaffected
R/W
R/W
SPR
See
Table 124.
Table 123.
IVOR register fields
Bits
Name
Description
32–47
—
Reserved, should be cleared.
48–59
Vector
Offset
Vector offset. Provides a quadword index from the base address provided by the IVPR to locate an
interrupt handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com