Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 170 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 166Page - STMicroelectronics UM0434 Datasheet HTML 167Page - STMicroelectronics UM0434 Datasheet HTML 168Page - STMicroelectronics UM0434 Datasheet HTML 169Page - STMicroelectronics UM0434 Datasheet HTML 170Page - STMicroelectronics UM0434 Datasheet HTML 171Page - STMicroelectronics UM0434 Datasheet HTML 172Page - STMicroelectronics UM0434 Datasheet HTML 173Page - STMicroelectronics UM0434 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 390 page
background image
UM0434
Interrupts and exceptions
171/391
Checkstop state
The following exception conditions can cause a checkstop if MSR[ME]=0:
●
A machine check occurs.
●
First instruction in an interrupt handler cannot be executed due to a translation miss
(ITLB), a page marked no execute (ISI), or a bus error termination.
●
Bus error termination for a buffered store .
●
Precise external termination error occurs and MSR[EE]=0.
Non-exception–related checkstop conditions are as follows:
●
TCR[WRC] - Watchdog reset control bits set to checkstop on second watchdog timer
overflow event
When a processor is in checkstop state, instruction processing is suspended and generally
cannot resume without the processor being reset. To indicate that a checkstop condition
exists, the
p_chkstop output is asserted whenever the CPU is in checkstop state.
When a debug request is presented to the e200z3 core while it is in checkstop state,
p_wakeup is asserted, and when m_clk is provided to the core, it temporarily exits
checkstop state and enters debug mode. The
p_chkstop output is negated while the core
remains in a debug session (
p_debug_b asserted). When the debug session is exited, the
core re-enters checkstop state. Note that the external system logic may be in an undefined
state following a checkstop condition, such as having an outstanding bus transaction or
other inconsistency; thus, no guarantee can be made in general about activities performed
in debug mode while a checkstop is outstanding. Debug logic can generate assertion of
p_resetout_b through DBCR0.
6.6.3
Data storage interrupt (IVOR2)
A data storage interrupt may occur if no higher priority exception exists and one of the
following exists:
●
Read or write access control exception condition
●
Byte-ordering exception condition
●
External termination error (precise) and MSR[EE]=1
Access control is defined as in Book E. A byte-ordering exception condition occurs for any
misaligned access across a page boundary to pages with mismatched E bits. Precise
external termination errors occur when a load or guarded store is terminated by assertion of
a
p_d_tea_b=ERROR termination response.
Table 127 lists register settings when a DSI is taken.
Table 127.
Data storage interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the excepting load/store instruction
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com