Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 172 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 168Page - STMicroelectronics UM0434 Datasheet HTML 169Page - STMicroelectronics UM0434 Datasheet HTML 170Page - STMicroelectronics UM0434 Datasheet HTML 171Page - STMicroelectronics UM0434 Datasheet HTML 172Page - STMicroelectronics UM0434 Datasheet HTML 173Page - STMicroelectronics UM0434 Datasheet HTML 174Page - STMicroelectronics UM0434 Datasheet HTML 175Page - STMicroelectronics UM0434 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 390 page
background image
UM0434
Interrupts and exceptions
173/391
6.6.5
External input interrupt (IVOR4)
An external input exception is signaled to the processor by the assertion of the external
interrupt input (
p_extint_b), a level-sensitive signal expected to remain asserted until the
e200z3 acknowledges the external interrupt. If
p_extint_b is negated early, recognition of
the interrupt request is not guaranteed. When the e200z3 detects the exception, if the
exception is enabled by MSR[EE], the e200z3 takes an external input interrupt.
An external input interrupt may be delayed by other higher priority exceptions or if MSR[EE]
is cleared when the exception occurs.
Table 130 lists register settings when an external input interrupt is taken.
IVOR4 is the vector offset register used by autovectored external input interrupts to
determine the interrupt handler location. The e200z3 also provides the capability to directly
vector external input interrupts to multiple handlers by allowing an external input interrupt
request to be accompanied by a vector offset. The
p_voffset[0:11] input signals are used in
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
[XTE, BO, MIF, VLEMI]. All other bits cleared.
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR3[48–59] || 0b0000
Table 129.
Instruction storage interrupt register settings (continued)
Register
Setting description
Table 130.
External input interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the instruction the processor would attempt to execute next
if no exception were present.
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
Unchanged
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR4[48–59] || 0b0000
IVPR[32–47] ||
p_voffset[0:11] || 0b0000 (non-autovectored)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com