Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 176 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 172Page - STMicroelectronics UM0434 Datasheet HTML 173Page - STMicroelectronics UM0434 Datasheet HTML 174Page - STMicroelectronics UM0434 Datasheet HTML 175Page - STMicroelectronics UM0434 Datasheet HTML 176Page - STMicroelectronics UM0434 Datasheet HTML 177Page - STMicroelectronics UM0434 Datasheet HTML 178Page - STMicroelectronics UM0434 Datasheet HTML 179Page - STMicroelectronics UM0434 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 390 page
background image
UM0434
Interrupts and exceptions
177/391
6.6.11
Decrementer interrupt (IVOR10)
The e200z3 implements the decrementer exception as described in Book E. A decrementer
interrupt occurs when no higher priority exception exists, a decrementer exception condition
exists (TSR[DIS]=1), and the interrupt is enabled (both TCR[DIE] and MSR[EE]=1).
The timer status register (TSR) holds the decrementer interrupt bit set by the timer facility
when an exception is detected. The interrupt handler must clear this bit to avoid repeated
decrementer interrupts.
Table 135 lists register settings when a decrementer interrupt is taken.
6.6.12
Fixed-Interval timer interrupt (IVOR11)
The e200z3 implements the fixed-interval timer exception as defined in Book E. The
triggering of the exception is caused by selected bits in the time base register changing from
0 to 1.
A fixed-interval timer interrupt occurs when no higher priority exception exists, a fixed-
interval timer exception exists (TSR[FIS]=1), and the interrupt is enabled (both TCR[FIE]
and MSR[EE]=1).
The timer status register (TSR) holds the fixed-interval timer interrupt bit set by the timer
facility when an exception is detected. Software must clear this bit in the interrupt handler to
avoid repeated fixed-interval timer interrupts.
Table 136 lists register settings when a fixed-interval timer interrupt is taken.
Table 135.
Decrementer interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the instruction that the processor would have attempted to
execute next if no exception conditions were present.
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
Unchanged
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR10[48–59] || 0b0000
Table 136.
Fixed-Interval timer interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the instruction that the processor would have attempted to
execute next if no exception conditions were present.
SRR1
Set to the contents of the MSR at the time of the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com