Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 177 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 173Page - STMicroelectronics UM0434 Datasheet HTML 174Page - STMicroelectronics UM0434 Datasheet HTML 175Page - STMicroelectronics UM0434 Datasheet HTML 176Page - STMicroelectronics UM0434 Datasheet HTML 177Page - STMicroelectronics UM0434 Datasheet HTML 178Page - STMicroelectronics UM0434 Datasheet HTML 179Page - STMicroelectronics UM0434 Datasheet HTML 180Page - STMicroelectronics UM0434 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 390 page
background image
Interrupts and exceptions
UM0434
178/391
6.6.13
Watchdog timer interrupt (IVOR12)
The e200z3 implements the watchdog timer interrupt as defined in Book E. The exception is
triggered by the first enabled watchdog timeout.
A watchdog timer interrupt occurs when no higher priority exception exists, a watchdog
timer exception exists (TSR[WIS]=1), and the interrupt is enabled (both TCR[WIE] and
MSR[CE] = 1).
The TSR holds the watchdog interrupt bit set by the timer facility when an exception is
detected. Software must clear this bit in the interrupt handler to avoid repeated watchdog
interrupts.
Table 137 lists register settings when a watchdog timer interrupt is taken.
MSR[DE] is not automatically cleared by a watchdog timer interrupt, but can be configured
to be cleared through HID0[CICLRDE]. See
Chapter 4.13.1: Hardware implementation
dependent register 0 (HID0) on page 84.”
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
Unchanged
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR11[48–59] || 0b0000
Table 136.
Fixed-Interval timer interrupt register settings (continued)
Register
Setting description
Table 137.
Watchdog timer interrupt register settings
Register
Setting description
CSRR0
Set to the effective address of the instruction that the processor would have attempted to
execute next if no exception conditions were present.
CSRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
0
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
0/—(1)
FE1
0
IS
0
DS
0
1.
DE is cleared when the debug APU is disabled. Clearing of DE is optionally supported by control in HID0
when the debug APU is enabled.
ESR
Unchanged
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR12[48–59] || 0b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com