Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 181 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 177Page - STMicroelectronics UM0434 Datasheet HTML 178Page - STMicroelectronics UM0434 Datasheet HTML 179Page - STMicroelectronics UM0434 Datasheet HTML 180Page - STMicroelectronics UM0434 Datasheet HTML 181Page - STMicroelectronics UM0434 Datasheet HTML 182Page - STMicroelectronics UM0434 Datasheet HTML 183Page - STMicroelectronics UM0434 Datasheet HTML 184Page - STMicroelectronics UM0434 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 390 page
background image
Interrupts and exceptions
UM0434
182/391
6.6.17
System reset
The core implements the system reset, which is not an interrupt defined in Book E. The
system reset exception is a non-maskable, asynchronous exception signaled to the
processor through the assertion of system-defined signals.
A system reset may be initiated as follows:
●
By asserting the
p_reset_b input. p_reset_b must remain asserted for a period
(specified in the hardware specifications) that allows internal logic to be reset.
Assertion for less than the required interval causes unpredictable results.
●
By asserting
m_por during power-on reset. m_por must be asserted during power up
and must remain asserted for a period (specified in the hardware specifications) that
allows internal logic to be reset. Assertion for less than the required interval causes
unpredictable results.
●
By watchdog timer reset control
●
By debug reset control
MSR
UCLE
0
SPE
0
WE
0
CE
—/0(2)
EE
—/02
PR
0
FP
0
ME
—
FE0
0
DE
0
FE1
0
IS
0
DS
0
DBSR(3)
Unconditional debug event:
Instruction complete debug event:
Branch taken debug event:
Interrupt taken debug event:
Critical interrupt taken debug
event:
Trap instruction debug event:
Instruction address compare:
Data address compare:
Return debug event:
Critical return debug event:
Debug counter event:
External debug event:
(optional)
Imprecise debug event flag
UDE
ICMP
BRT
IRPT
CIRPT
TRAP
{IAC1, IAC2, IAC3, IAC4}
{DAC1R, DAC1W, DAC2R, DAC2W}
RET
CRET
{DCNT1, DCNT2}
{DEVT1, DEVT2}
{IDE}
ESR
Unchanged
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR15[48–59] || 0b0000
1.
Assumes that the debug interrupt is precise
2.
Conditional based on HID0 control bits.
3.
Note that multiple DBSR bits may be set.
Table 141.
Debug interrupt register settings (continued)
Register
Setting description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com