Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 184 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 180Page - STMicroelectronics UM0434 Datasheet HTML 181Page - STMicroelectronics UM0434 Datasheet HTML 182Page - STMicroelectronics UM0434 Datasheet HTML 183Page - STMicroelectronics UM0434 Datasheet HTML 184Page - STMicroelectronics UM0434 Datasheet HTML 185Page - STMicroelectronics UM0434 Datasheet HTML 186Page - STMicroelectronics UM0434 Datasheet HTML 187Page - STMicroelectronics UM0434 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 390 page
background image
UM0434
Interrupts and exceptions
185/391
6.6.20
SPE Floating-Point round interrupt (IVOR34)
The SPE floating-point round interrupt is taken when an SPE floating-point instruction
generates an inexact result and inexact exceptions are enabled.
Table 147 lists register settings when an SPE floating-point round interrupt is taken.
6.7
Exception recognition and priorities
The following list of exception categories describes how the e200z3 handles exceptions up
to the point of signaling the appropriate interrupt to occur. Also, instruction completion is
defined as updating all architectural registers associated with that instruction as necessary,
and then removing the instruction from the pipeline.
●
Interrupts caused by asynchronous events (exceptions). These exceptions are further
distinguished by whether they are maskable and recoverable.
–
Asynchronous, non-maskable, non-recoverable: System reset by assertion of
p_reset_b.
Has highest priority and is taken immediately regardless of other pending
exceptions or recoverability. (Includes watchdog timer reset control and debug
reset control)
–
Asynchronous, maskable, non-recoverable: Machine check interrupt.
Has priority over any other pending exception except system reset conditions; is
dependent on the source of the exception. Typically non-recoverable.
–
Asynchronous, maskable, recoverable: External input, fixed-interval timer,
decrementer, critical input, unconditional debug, external debug event, debug
counter event, and watchdog timer interrupts.
Before handling this type of exception, the processor needs to reach a recoverable
state. A maskable recoverable exception remains pending until taken or cancelled
by software.
Table 147.
SPE Floating-Point round interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the instruction following the excepting SPE instruction.
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
SPE, [VLEMI]. All other bits cleared.
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR34[48–59] || 0b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com