Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 188 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 184Page - STMicroelectronics UM0434 Datasheet HTML 185Page - STMicroelectronics UM0434 Datasheet HTML 186Page - STMicroelectronics UM0434 Datasheet HTML 187Page - STMicroelectronics UM0434 Datasheet HTML 188Page - STMicroelectronics UM0434 Datasheet HTML 189Page - STMicroelectronics UM0434 Datasheet HTML 190Page - STMicroelectronics UM0434 Datasheet HTML 191Page - STMicroelectronics UM0434 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 390 page
background image
UM0434
Interrupts and exceptions
189/391
6.8
Interrupt processing
When an interrupt is taken, SRR0/SRR1 for non-critical interrupts, CSRR0/CSRR1 for
critical interrupts, and either CSRR0/CSRR1 or DSRR0/DSRR1 for debug interrupts are
used to save the contents of the MSR and to help identify where instruction execution
should resume after the interrupt is handled.
When an interrupt occurs, one of SRR0/CSRR0/DSRR0 is set to the address of the
instruction that caused the exception or to the following instruction if appropriate.
SRR1 is used to save machine state (selected MSR bits) on non-critical interrupts and to
restore those values when an rfi executes. CSRR1 is used to save machine status (selected
MSR bits) on critical interrupts and to restore those values when an rfci instruction is
executed. DSRR1 is used to save machine status (selected MSR bits) on debug interrupts
when the debug APU is enabled and to restore those values when an rfdi executes.
The ESR is loaded with information specific to the exception type. Some interrupt types can
only be caused by a single exception type and thus do not use an ESR setting to indicate
the interrupt cause.
The MSR is updated to preclude unrecoverable interrupts from occurring during the initial
portion of the interrupt handler. Specific settings are described in
Table 149.
For alignment, data storage, or data TLB miss interrupts, or for a machine check due to
cache parity error on data access interrupts, the data exception address register (DEAR) is
loaded with the address that caused the interrupt to occur.
For machine check interrupts, the MCSR is loaded with information specific to the exception
type.
Post-instruction execution exceptions
Debug: DAC/IAC
linked2
Debug: DAC
unlinked2
Data address compare linked with instruction address
compare
Data address compare unlinked
Notes:
Exceptions require corresponding debug event enabled,
MSR[DE] = 1 and DBCR0[IDM] = 1.
Saved PC points to the instruction following the load or store
instruction causing the DAC event.
15
Debug: ICMP
Completion of an instruction.
Note: Exceptions require corresponding debug event
enabled, MSR[DE]=1, and DBCR0[IDM]=1.
15
1.
These exceptions are sampled at instruction boundaries, and may actually occur after exceptions that are
due to a currently executing instruction. If one of these exceptions occurs during execution of an instruction
in the pipeline, it is not processed until the pipeline has been flushed, and the exception associated with the
excepting instruction may occur first.
2.
When no data storage interrupt or data TLB error occurs, the core implements the data address compare
debug exceptions as post-instruction exceptions, which differs from the Book E definition. When a TEA
(either a DTLB error or data storage interrupt) occurs in conjunction with an enabled DAC or linked
DAC/IAC on a load or store class instruction, the debug interrupt takes priority, and the saved PC value
points to the load or store class instruction, rather than to the next instruction.
Table 148.
e200z3 exception priorities (continued)
Priority
Exception
Cause
IVOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com