Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 189 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 185Page - STMicroelectronics UM0434 Datasheet HTML 186Page - STMicroelectronics UM0434 Datasheet HTML 187Page - STMicroelectronics UM0434 Datasheet HTML 188Page - STMicroelectronics UM0434 Datasheet HTML 189Page - STMicroelectronics UM0434 Datasheet HTML 190Page - STMicroelectronics UM0434 Datasheet HTML 191Page - STMicroelectronics UM0434 Datasheet HTML 192Page - STMicroelectronics UM0434 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 390 page
background image
Interrupts and exceptions
UM0434
190/391
Instruction fetch and execution resume, using the new MSR value, at a location specific to
the exception type. The location is determined by the IVPR and an IVOR specific for each
type of interrupt (see
Table 114). A new operating context is selected using the low-order
three bits of the specific IVOR selected by the type of interrupt.
Table 149 shows the MSR settings for different interrupt categories. Note that reserved and
preserved MSR bits are unimplemented and are read as 0.
6.8.1
Enabling and disabling exceptions
When a condition exists that may cause an exception to be generated, it must be
determined whether the exception is enabled for that condition.
●
System reset exceptions cannot be masked.
●
A machine check exception can occur only if the machine check enable, MSR[ME], = 1.
If ME = 0, the processor goes directly into checkstop state when a machine check
exception condition occurs. Individual machine check exceptions can be enabled and
disabled through HID0 bits.
●
Asynchronous, maskable non-critical exceptions (such as the external input and
decrementer) are enabled by setting MSR[EE]. When EE = 0, recognition of these
exception conditions is delayed. EE is cleared automatically when a non-critical or
critical interrupt is taken to mask further recognition of conditions causing those
exceptions.
●
Asynchronous, maskable critical exceptions (such as critical input and watchdog timer)
are enabled by setting MSR[CE]. When CE = 0, recognition of these exception
conditions is delayed. CE is cleared automatically when a critical interrupt is taken to
mask further recognition of conditions causing those exceptions.
●
Synchronous and asynchronous debug exceptions are enabled by setting MSR[DE]. If
DE = 0, recognition of these exception conditions is masked. DE is cleared
Table 149.
MSR setting due to interrupt
Bits MSR definition Reset setting Non-critical interrupt Critical interrupt Debug interrupt
37
UCLE
0
0
0
0
38
SPE
0
0
0
0
45
WE
0
0
0
0
46
CE
0
—
0
—/0(1)
1.
Conditionally cleared based on control bits in HID0
48
EE
0
0
0
—/01
49
PR
0
0
0
0
50
FP
0
0
0
0
51
ME
0
—
—
—
52
FE0
0
0
0
0
54
DE
0
—
—/01
0
55
FE1
0
0
0
0
58
IS
0
0
0
0
59
DS
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com