Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 183 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 179Page - STMicroelectronics UM0434 Datasheet HTML 180Page - STMicroelectronics UM0434 Datasheet HTML 181Page - STMicroelectronics UM0434 Datasheet HTML 182Page - STMicroelectronics UM0434 Datasheet HTML 183Page - STMicroelectronics UM0434 Datasheet HTML 184Page - STMicroelectronics UM0434 Datasheet HTML 185Page - STMicroelectronics UM0434 Datasheet HTML 186Page - STMicroelectronics UM0434 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 390 page
background image
Interrupts and exceptions
UM0434
184/391
execution of the instruction causing the exception.
Table 145 lists register settings when an
SPE unavailable interrupt is taken.
6.6.19
SPE Floating-Point data interrupt (IVOR33)
The SPE floating-point data interrupt is taken if no higher priority exception exists and an
SPE floating-point data exception is generated. When a floating-point data exception
occurs, the processor suppresses execution of the instruction causing the exception.
Table 146 lists register settings when an SPE floating-point data interrupt is taken.
Table 145.
SPE unavailable interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the excepting SPE instruction
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
SPE, [VLEMI]. All other bits cleared.
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR32[48–59] || 0b0000
Table 146.
SPE Floating-Point data interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the excepting SPE instruction.
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
SPE, [VLEMI]. All other bits cleared.
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR33[48–59] || 0b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com