Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 178 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 174Page - STMicroelectronics UM0434 Datasheet HTML 175Page - STMicroelectronics UM0434 Datasheet HTML 176Page - STMicroelectronics UM0434 Datasheet HTML 177Page - STMicroelectronics UM0434 Datasheet HTML 178Page - STMicroelectronics UM0434 Datasheet HTML 179Page - STMicroelectronics UM0434 Datasheet HTML 180Page - STMicroelectronics UM0434 Datasheet HTML 181Page - STMicroelectronics UM0434 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 390 page
background image
UM0434
Interrupts and exceptions
179/391
6.6.14
Data TLB error interrupt (IVOR13)
A data TLB error interrupt occurs when no higher priority exception exists and a data TLB
error exception occurs due to a data TLB miss.
Table 138 lists register settings for DTLB
interrupts.
6.6.15
Instruction TLB error interrupt (IVOR14)
An instruction TLB error interrupt occurs when no higher priority exception exists and an
instruction TLB error exception exists due to an instruction translation lookup miss in the
TLB.
Table 139 lists register settings when an ITLB interrupt is taken.
Table 138.
Data TLB error interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the excepting load/store instruction.
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
[ST], [SPE], [VLEMI]. All other bits cleared.
MCSR
Unchanged
DEAR
Set to the effective address of a byte of the load or store whose access caused the
violation.
Vector
IVPR[32–47] || IVOR13[48–59] || 0b0000
Table 139.
Instruction TLB error interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the excepting instruction.
SRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
[MIF] All other bits cleared.
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR14[48–59] || 0b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com