Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 174 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 170Page - STMicroelectronics UM0434 Datasheet HTML 171Page - STMicroelectronics UM0434 Datasheet HTML 172Page - STMicroelectronics UM0434 Datasheet HTML 173Page - STMicroelectronics UM0434 Datasheet HTML 174Page - STMicroelectronics UM0434 Datasheet HTML 175Page - STMicroelectronics UM0434 Datasheet HTML 176Page - STMicroelectronics UM0434 Datasheet HTML 177Page - STMicroelectronics UM0434 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 390 page
background image
UM0434
Interrupts and exceptions
175/391
The e200z3 invokes a privileged instruction program exception on attempted execution of
the following instructions when MSR[PR]=1 (user mode):
●
A privileged instruction
●
mtspr and mfspr instructions that specify an SPRN value with SPRN[5] = 1 (even if the
SPR is undefined).
The e200z3 invokes a trap exception on execution of tw and twi if the trap conditions are
met and the exception is not also enabled as a debug interrupt.
The e200z3 invokes an unimplemented operation program exception on attempted
execution of the instructions lswi, lswx, stswi, stswx, mfapidi, mfdcrx, mtdcrx, or any
Book E floating-point instruction when MSR[FP]=1. All other defined or allocated
instructions that are not implemented by the e200z3 cause an illegal instruction program
exception.
Table 132 lists register settings when a program interrupt is taken.
6.6.8
Floating-Point unavailable interrupt (IVOR7)
The floating-point unavailable interrupt is implemented as defined in Book E. A floating-point
unavailable interrupt occurs when no higher priority exception exists, an attempt is made to
execute a Book E-defined floating-point instruction (including floating-point load, store, or
move instructions), and the floating-point available bit in the MSR is cleared (MSR[FP]=0).
Table 133 lists register settings when a floating-point unavailable interrupt is taken.
Table 132.
Program interrupt register settings
Register
Setting description
SRR0
Set to the effective address of the excepting instruction.
SRR1
Set to the contents of the MSR at the time of the interrupt.
MSR
UCLE
0
SPE
0
WE
0
CE
—
EE
0
PR
0
FP
0
ME
—
FE0
0
DE
—
FE1
0
IS
0
DS
0
ESR
Illegal:
Privileged:
Trap:
Unimplemented:
PIL, [VLEMI]. All other bits cleared.
PPR, [VLEMI]. All other bits cleared.
PTR, [VLEMI]. All other bits cleared.
PUO, [FP], [VLEMI]. All other bits cleared.
MCSR
Unchanged
DEAR
Unchanged
Vector
IVPR[32–47] || IVOR6[48–59] || 0b0000
Table 133.
Floating-Point unavailable interrupt register Settings
Register
Setting Description
SRR0
Set to the effective address of the excepting instruction.
SRR1
Set to the contents of the MSR at the time of the interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com