Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 169 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 165Page - STMicroelectronics UM0434 Datasheet HTML 166Page - STMicroelectronics UM0434 Datasheet HTML 167Page - STMicroelectronics UM0434 Datasheet HTML 168Page - STMicroelectronics UM0434 Datasheet HTML 169Page - STMicroelectronics UM0434 Datasheet HTML 170Page - STMicroelectronics UM0434 Datasheet HTML 171Page - STMicroelectronics UM0434 Datasheet HTML 172Page - STMicroelectronics UM0434 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 390 page
background image
Interrupts and exceptions
UM0434
170/391
processor generates an internal checkstop condition and enters checkstop state. When a
processor is in checkstop state, instruction processing is suspended and generally cannot
continue without restarting the processor. Note that other conditions may lead to the
checkstop condition; the disabled machine check exception is only one of these.
The e200z3 implements MCSR to record the sources of machine checks. See
Chapter 6.4.1: Machine check syndrome register (MCSR) on page 166,” for more
information.
MSR[DE] is not automatically cleared by a machine check exception but can be configured
to be cleared or left unchanged through HID0[MCCLRDE]. See
Chapter 4.13.1: Hardware
implementation dependent register 0 (HID0) on page 84.”
Machine check interrupt enabled (MSR[ME]=1)
Machine check interrupts are enabled when MSR[ME]=1. When a machine check interrupt
is taken, registers are updated as shown in
Table 126.
The machine check input,
p_mcp_b, can be masked by HID0[EMCP].
Most machine check exceptions are unrecoverable in the sense that execution cannot
resume in the context that existed before the interrupt. However, system software can use
the machine check interrupt handler to try to identify and recover from the machine check
condition. In particular, the MCSR is provided to identify the sources of a machine check
and may be used to identify recoverable events.
The interrupt handler should set MSR[ME] as early as possible to avoid entering checkstop
state if another machine check condition occurs.
Table 126.
Machine check interrupt register settings
Register
Setting description
CSRR0
On a best-effort basis, the e200z3 sets this to the address of some instruction that was
executing or about to be executing when the machine check condition occurred.
CSRR1
Set to the contents of the MSR at the time of the interrupt
MSR
UCLE
0
SPE
0
WE
0
CE
0
EE
0
PR
0
FP
0
ME
0
DE
0(1)
FE1
0
IS
0
DS
0
1.
Cleared when the debug APU is disabled. Clearing of DE is optionally supported by control in HID0 when
the debug APU is enabled.
ESR
Unchanged
MCSR
Updated to reflect the sources of a machine check
DEAR
Unchanged unless machine check is due to a data access causing a cache parity error to
be signaled; updated with data access effective address in that case
Vector
IVPR[32–47] || IVOR1[48–59] || 0b0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com