Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 234 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 230Page - STMicroelectronics UM0434 Datasheet HTML 231Page - STMicroelectronics UM0434 Datasheet HTML 232Page - STMicroelectronics UM0434 Datasheet HTML 233Page - STMicroelectronics UM0434 Datasheet HTML 234Page - STMicroelectronics UM0434 Datasheet HTML 235Page - STMicroelectronics UM0434 Datasheet HTML 236Page - STMicroelectronics UM0434 Datasheet HTML 237Page - STMicroelectronics UM0434 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 390 page
background image
UM0434
External core complex interfaces
235/391
9
External core complex interfaces
This chapter describes the external interfaces of the e200z3 core complex. Signal
descriptions as well as data transfer protocols are documented in the following subsections.
Chapter 9.4: Internal signals on page 265,” describes a number of internal signals that are
not directly accessible to users, but they are mentioned in various chapters in this manual
and aid in understanding the behavior of the core.
9.1
Overview
The external interfaces encompass the following:
●
Control and data signals supporting instruction and data transfers
●
Support for interrupts, including vectored interrupt logic
●
Reset support
●
Power management interface signals
●
Debug event signals
●
Time base control and status information
●
Processor state information
●
Nexus 1/3/OnCE/JTAG interface signals
●
A test interface
The memory interface that the BIU supports is based on the AMBA AHB-Lite subset of the
AMBA 2.0 AHB, with V6 AMBA extensions. (Ref. documents ARM IHI 0011A, ARM DVI
0044A, and ARM PR022-GENC-001011 0.4). Sideband signals, described in this chapter,
support additional control functions. A 64-bit data bus is implemented. The pipelined
memory interface supports read and write transfers of 8, 16, 24, 32, and 64 bits, misaligned
transfers, burst transfers of four double words, and true big- and little-endian operation.
Note:
The AMBA AHB bit and byte ordering reflect a natural little-endian ordering that AMBA
documentation uses. The BIU automatically performs byte lane conversions to support big-
endian transfers. Memories and peripheral devices/interfaces should be wired according to
byte lane addresses defined in Table 170.
Single-beat and misaligned transfers are supported for cache-inhibited read and write
cycles, and write-buffer writes. Burst transfers (double-word–aligned) of 4 double words are
supported for cache line-fill and copyback operations.
Misaligned accesses are supported with one or more transfers to the core interface. If an
access is misaligned but lies within an aligned 64-bit double word, the core performs a
single transfer. The memory interface delivers (reads) or accepts (writes) the data that
corresponds to the size- and byte-enable signals aligned according to the 3 low-order
address bits. If an access is misaligned and crosses a 64-bit boundary, the BIU performs a
pair of transfers beginning at the effective address, requesting the original data size (either
half word or word) for the first transfer, along with appropriate byte enables. For the second
transfer, the address is incremented to the next 64-bit boundary, and the size and byte
enable signals are driven to correspond to the number of remaining bytes to be transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com