Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 237 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 237 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 233Page - STMicroelectronics UM0434 Datasheet HTML 234Page - STMicroelectronics UM0434 Datasheet HTML 235Page - STMicroelectronics UM0434 Datasheet HTML 236Page - STMicroelectronics UM0434 Datasheet HTML 237Page - STMicroelectronics UM0434 Datasheet HTML 238Page - STMicroelectronics UM0434 Datasheet HTML 239Page - STMicroelectronics UM0434 Datasheet HTML 240Page - STMicroelectronics UM0434 Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 390 page
background image
External core complex interfaces
UM0434
238/391
Table 165 below, shows the core signal function and type, signal definition, and reset value.
Signals are presented in functional groups.
Table 165.
Interface signal definitions
Signal name
I/O Reset
Definition
Clock and signals related to reset
m_clk
I
Global system clock
m_por
I
Power-on reset
p_reset_b
I
Processor reset input
p_resetout_b
O
Processor reset output
p_rstbase[0:19]
I
Reset exception handler base address, value to be loaded into
TLB entry 0 on reset.
p_rst_endmode
I
Reset endian mode select, value to be loaded into TLB entry 0
on reset.
p_rst_vlemode
I
Reset VLE mode select, value to be loaded into TLB entry 0 on
reset.
Memory interface signals
p_i_hmaster[3:0],
p_d_hmaster[3:0]
O—
Master ID
p_i_haddr[31:0],
p_d_haddr[31:0]
O
—
Address bus
p_i_hwrite,
p_d_hwrite
O
0
Write signal (always driven low for
p_i_hwrite)
p_i_hprot[5:0],
p_d_hprot[5:0]
O
—
Protection codes
p_i_htrans[1:0],
p_d_htrans[1:0]
O
—
Transfer type
p_i_hburst[2:0] ,
p_d_hburst[2:0]
O—
Burst type
p_i_hsize[1:0],
p_d_hsize[1:0]
O
—
Transfer size
p_i_hunalign,
p_d_hunalign
O
—
Indicates that the current data access is misaligned
p_i_hbstrb[7:0] ,
p_d_hbstrb[7:0]
O
0
Byte strobes
p_i_hrdata[63:0],
p_d_hrdata[63:0]
I
Read data bus
p_d_hwdata[63:0]
O
—
Write data bus
p_i_hready,
p_d_hready
I
Transfer ready
p_i_hresp[2:0],
p_d_hresp[2:0]
I
Transfer response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com