Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 240 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 236Page - STMicroelectronics UM0434 Datasheet HTML 237Page - STMicroelectronics UM0434 Datasheet HTML 238Page - STMicroelectronics UM0434 Datasheet HTML 239Page - STMicroelectronics UM0434 Datasheet HTML 240Page - STMicroelectronics UM0434 Datasheet HTML 241Page - STMicroelectronics UM0434 Datasheet HTML 242Page - STMicroelectronics UM0434 Datasheet HTML 243Page - STMicroelectronics UM0434 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 390 page
background image
UM0434
External core complex interfaces
241/391
9.3
Signal descriptions
Table 166 describes the processor clock, m_clk.
Table 167 describes signals that are related to reset. The core supports several reset input
signals for the CPU and JTAG/OnCE control logic:
m_por, p_reset_b, and j_trst_b. The reset
domains are partitioned such that the CPU
p_reset_b signal does not affect JTAG/OnCE
logic and
j_trst_b does not affect processor logic. It is possible and desirable to access
OnCE registers while the processor is running or in reset. It is also possible and desirable to
assert
j_trst_b and clear the JTAG/OnCE logic without affecting the processor state.
The synchronization logic between the processor and debug module requires an assertion
of either
j_trst_b or m_por during initial processor power-on reset to ensure proper
operation. If the pin associated with
j_trst_b is designed with a pull-up resistor and left
floating, assertion of
m_por is required during the initial power-on processor reset. Similarly,
for those systems that do not have a power-on reset circuit and choose to tie
m_por low, it is
required to assert
j_trst_b during processor power-up reset. When a power-up reset is
achieved, the two resets can be asserted independently.
A reset output signal,
p_resetout_b, is also provided.
j_shift_ir
O
0
Shift_IR state of JTAG controller
j_capture_dr
O
0
Parallel test data register load state of JTAG controller
j_shift_dr
O
0
TAP controller in shift DR state
j_update_gp_reg
O
0
Updates JTAG controller test data register
j_rti
O
0
JTAG controller run-test-idle state
j_key_in
I
Input for providing data to be shifted out during shift_IR state
when
jd_en_once is negated
j_en_once_regsel
O
0
External enable OnCE register select
j_nexus_regsel
O
0
External Nexus register select
j_lsrl_regsel
O
0
External LSRL register select
j_gp_regsel[0:11]
O
0
General-purpose external JTAG register select
j_id_sequence[0:1]
I
JTAG ID register (2 msbs of sequence field)
j_id_version[0:3]
I
JTAG ID register version field
j_serial_data
I
Serial data from external JTAG registers
Table 165.
Interface signal definitions (continued)
Signal name
I/O Reset
Definition
Table 166.
Processor clock signal description
Signal I/O
Signal description
m_clk
I
Processor clock. The synchronous clock source for the core. Because the core is
designed for static operation,
m_clk can be gated off to lower power dissipation (for
example, during low-power stopped states).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com