Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 244 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 240Page - STMicroelectronics UM0434 Datasheet HTML 241Page - STMicroelectronics UM0434 Datasheet HTML 242Page - STMicroelectronics UM0434 Datasheet HTML 243Page - STMicroelectronics UM0434 Datasheet HTML 244Page - STMicroelectronics UM0434 Datasheet HTML 245Page - STMicroelectronics UM0434 Datasheet HTML 246Page - STMicroelectronics UM0434 Datasheet HTML 247Page - STMicroelectronics UM0434 Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 390 page
background image
UM0434
External core complex interfaces
245/391
p_[d,i]_hburst[2:0]] O
Burst type. The core uses only SINGLE and WRAP4 burst types.
000 SINGLE—No burst, single beat only
001 INCR—Incrementing burst of unspecified length. Not used by the core.
p_[d,i]_hprot[5:0]
O
Protection control. The core drives the
p_[d,i]_hprot[5:0] signals to indicate the type of
access for the current bus cycle.
p_[d,i]_hprot[0] indicates instruction/data,
p_[d,i]_hprot[1] indicates user/supervisor. p_[d,i]_hprot[5] indicates whether the access is
exclusive (that is, for an lwarx or stwcx.).
p_[d,i]_hprot[4:2] (allocate, cacheable,
bufferable) indicate particular cache attributes for the access. The following table shows
the definitions of the
p_[d,i]_hprot[5:0] signals.
p_hprot5
p_hprot4 p_hprot3 p_hprot2
p_hprot1
p_hprot0
Transfer Type
—
—
—
—
—
0
Instruction access
—
—
—
—
—
1
Data access
—
—
—
—
0
—
User mode access
—
—
—
—
1
—
Supervisor mode
access
—
0
0
0
—
—
Cache-inhibited
—
0
0
1
—
—
Guarded, not
cache-inhibited
—0
1
0
—
—
Reserved
—0
1
1
—
—
Reserved
—1
0
0
—
—
Reserved
—1
0
1
—
—
Reserved
—
1
1
0
—
—
Cacheable,
writethrough
—
1
1
1
—
—
Cacheable,
writeback
0
—
—
—
—
—
Not exclusive
1
—
—
—
—
—
Exclusive access
The core maps Book E storage attributes to the AHB hprot signals as described in the
following. For buffered stores,
p_[d,i]_hprot[1] is driven with the user/supervisor mode
attribute associated with the store at the time it was buffered. For cache line
pushes/copybacks,
p_[d,i]_hprot[1] indicates supervisor access. In both of these cases,
p_[d,i]_hprot0 indicates a data access.
TLB[I] TLB[G] TLB[W]||!L1CSR0[CWM]
p_hprot[4:2]
Transfer Type
0
0
0
111
Cacheable, writeback
0
0
1
110
Cacheable, writethrough
0
1
—
001
Guarded, not cache-inhibited
1
—
—
000
Cache-inhibited
—
—
—
001
Buffered store, page marked
guarded
—
—
—
110
Buffered store and page
marked writethrough or
L1CSR0[CWM]=0, and non-
guarded
—
—
—
111
Buffered store and page
marked copyback and
L1CSR0[CWM]=1, and non-
guarded
—
—
—
111
Dirty line push
Table 169.
Descriptions of transfer attribute signals (continued)
Signal
I/O
Signal description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com