Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 243 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 239Page - STMicroelectronics UM0434 Datasheet HTML 240Page - STMicroelectronics UM0434 Datasheet HTML 241Page - STMicroelectronics UM0434 Datasheet HTML 242Page - STMicroelectronics UM0434 Datasheet HTML 243Page - STMicroelectronics UM0434 Datasheet HTML 244Page - STMicroelectronics UM0434 Datasheet HTML 245Page - STMicroelectronics UM0434 Datasheet HTML 246Page - STMicroelectronics UM0434 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 390 page
background image
External core complex interfaces
UM0434
244/391
Table 169 describes transfer attribute signals, which provide additional information about the bus transfer
cycle. Attributes are driven with the address at the start of a transfer.
Table 169.
Descriptions of transfer attribute signals
Signal
I/O
Signal description
p_[d,i]_htrans[1:0]
O
Transfer type. The processor drives
p_[d,i]_htrans[1:0] to indicate the current transfer type
as follows:
00 DLE—No data transfer is required. Slaves must terminate IDLE transfers with a zero
wait-state OKAY response and ignore the (non-existent) transfer.
01 BUSY—(The core does not use the BUSY encoding and does not present this type of
transfer to a bus slave.) Master is busy; burst transfer continues.
10 NONSEQ—Indicates the first transfer of a burst, or a single transfer. Address and
control signals are unrelated to the previous transfer.
11 SEQ—Indicates the continuation of a burst. Address and control signals are related to
the previous transfer. Control signals are the same. Address was incremented by the size
of the data transferred (optionally wrapped).
If the
p_[d,i]_htrans[1:0] encoding is not IDLE or BUSY, a transfer is being requested.
p_[d,i]_hwrite
O
Write. Defines the data transfer direction for the current bus cycle.
State
Meaning
Asserted—The current bus cycle is a write.
Negated—The current bus cycle is a read.
p_[d,i]_hsize[1:0]
O
Transfer size. For misaligned transfers, size may exceed the requested size to ensure that
all asserted byte strobes are within the container defined by
p_[d,i]_hsize[1:0]. Table 171
and
Table 172 show p_[d,i]_hsize encodings for aligned and misaligned transfers.
00 Byte
01 Half word (2 bytes)
10 Word (4 bytes)
11 Double word (8 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com