Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 236 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 232Page - STMicroelectronics UM0434 Datasheet HTML 233Page - STMicroelectronics UM0434 Datasheet HTML 234Page - STMicroelectronics UM0434 Datasheet HTML 235Page - STMicroelectronics UM0434 Datasheet HTML 236Page - STMicroelectronics UM0434 Datasheet HTML 237Page - STMicroelectronics UM0434 Datasheet HTML 238Page - STMicroelectronics UM0434 Datasheet HTML 239Page - STMicroelectronics UM0434 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 390 page
background image
UM0434
External core complex interfaces
237/391
Figure 31.
Core signal groups
Transfer
Transfer
Transfer Control
Attributes
p_htrans[1:0]
p_[d,i]_hburst[2:0]
p_[d,i]_hbstrb[7:0]
Data Bus
p_doze, p_nap, p_sleep
p_reset_b
Reset-
Power
Address Bus
p_wakeup
p_haddr[31:0]
Management
* T
These signals are internal to the core.
Note:
e200z3
CPU
p_pstat[0:6], p_brstat[0:1]
Processor Status
p_devt2
p_devt1
p_ude
p_halt, p_stop
p_halted, p_stopped
p_[d,i]_hwrite
p_[d,i]_hprot[5:0]
p_[d,i]_hsize[1:0]
p_[d,i]_hunalign
Reservation
Signals
p_rsrv
p_rsrv_clr
p_tbint
p_tbclk
Time Base
p_tbdisable
Signals
Debug
Support
e200z3
Module
jd_debug_b
dbg_dbgrq *
cpu_dbgack *
OnCE Control *
JTAG Interface
jd_de_b
Test Interface
jd_de_en
jd_en_once
jd_watchot[0:n]
jd_mclk_on
j_en_once_regsel
m_por
p_resetout_b
p_rstbase[0:19]
related
Signals
(OnCE/Debug)
p_d_hwdata[63:0]
p_[d,i]_hrdata[63:0]
p_cpuid[0:7]
Miscellaneous
p_sysvers[0:31]
p_pvrin[16:31]
Signals
Processor
p_[d,i]_hresp[2:0]
p_[d,i]hready
Status
Termination/
p_mcp_b
p_chkstop
Machine Check
Interrupt
p_extint_b
p_critint_b
p_avec_b
p_voffset[0:15]
p_iack k
Signals
p_ipend
Dev
Support
e200z3
Module
nex_mseo_b[1:0]
nex_evti_b
nex_mdo[n:0]
nex_mcko
nex_rdy_b
nex_evto_b
Clock
m_clk
p_rst_endmode
p_[d,i]_hmaster[3:0]
MasterID
nex_masterid[3:0]
p_masterid[3:0]
Config
p_mcp_out
Nexus3
Nexus1
p_rst_vlemode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com