Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 238 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 238 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 234Page - STMicroelectronics UM0434 Datasheet HTML 235Page - STMicroelectronics UM0434 Datasheet HTML 236Page - STMicroelectronics UM0434 Datasheet HTML 237Page - STMicroelectronics UM0434 Datasheet HTML 238Page - STMicroelectronics UM0434 Datasheet HTML 239Page - STMicroelectronics UM0434 Datasheet HTML 240Page - STMicroelectronics UM0434 Datasheet HTML 241Page - STMicroelectronics UM0434 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 390 page
background image
UM0434
External core complex interfaces
239/391
Master ID configuration signals
p_masterid[3:0]
I
—
CPU master ID configuration
nex_masterid[3:0]
I
—
Nexus3 master ID configuration
Interrupt interface signals
p_extint_b
I
External input interrupt request
p_critint_b
I
Critical input interrupt request
p_avec_b
I
Autovector request. Use internal interrupt vector offset.
p_voffset[0:15]
I
Interrupt vector offset for vectored interrupts
p_iack
O0
Interrupt acknowledge. Indicates an interrupt is being
acknowledged.
p_ipend
O
0
Interrupt pending. Indicates an interrupt is pending internally.
p_mcp_b
I
Machine check input request
Time base signals
p_tbint
O
0
Time base interrupt
p_tbdisable
I
—
Time base disable input
p_tbclk
I
—
Time base clock input
Misc. CPU signals
p_cpuid[0:7]
I
CPU ID input
p_sysvers[0:31]
I
System version inputs (for SVR)
p_pvrin[16:31]
I
Inputs for PVR
p_pid0[0:7]
O
0
PID0[24:31] outputs
p_pid0_updt
O
0
PID0 update status
CPU reservation signals
p_rsrv
O
0
Reservation status
p_rsrv_clr
I
Clear reservation flag
CPU state signals
p_pstat[0:6]
O
0
Processor status
p_brstat[0:1]
O
0
Branch prediction status
p_mcp_out
O
0
Machine check occurred
p_chkstop
O
0
Checkstop occurred
p_doze
O
0
Low-power doze mode of operation
p_nap
O
0
Low-power nap mode of operation
p_sleep
O
0
Low-power sleep mode of operation
Table 165.
Interface signal definitions (continued)
Signal name
I/O Reset
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com