Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 250 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 246Page - STMicroelectronics UM0434 Datasheet HTML 247Page - STMicroelectronics UM0434 Datasheet HTML 248Page - STMicroelectronics UM0434 Datasheet HTML 249Page - STMicroelectronics UM0434 Datasheet HTML 250Page - STMicroelectronics UM0434 Datasheet HTML 251Page - STMicroelectronics UM0434 Datasheet HTML 252Page - STMicroelectronics UM0434 Datasheet HTML 253Page - STMicroelectronics UM0434 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 390 page
background image
UM0434
External core complex interfaces
251/391
Table 173 describes the transfer control signals.
Table 174 describes the master ID configuration signals. These inputs drive the p_[d,i]_hmaster[3:0]
outputs when a bus cycle is active.
Table 175 describes interrupt control signals. Interrupt request inputs (p_extint_b, p_critint_b, and
p_mcp_b) to the core are level-sensitive. The interrupt controller must keep the interrupt request and any
L. E. Word @1111
1 1 1 1
1 0
—
—
———
———
——
———
——
H
+ 0 0 0 0
(next dword)
1 0
G
F
E
——
———
——
———
——
—
B.E. Double word
- 0 0 0
1 1
A
B
C
D
E
F
G
H
—
—
———
——
—
L.E. Double word
- 0 0 0
1 1
H
G
F
E
D
C
B
A
—
—
—
—
—
—
—
—
1.
These misaligned transfers drive size according to the size of the power of two aligned containers in which the byte strobes
are asserted.
Table 172.
Big-and Little-Endian storage (64-Bit GPR contains ‘A B C D E F G H’) (continued)
Program size and
byte offset
A(3:0)
HSIZE
(1:0)
Even double Word— 0
0dd double Word—1
B0 B1 B2 B3 B4 B5 B6 B7 B0 B1 B2 B3 B4 B5 B6 B7
Table 173.
Descriptions of signals for transfer control signals
Signal
I/O
Signal description
p_[d,i]_hready
I
Transfer ready. Indicates whether a requested transfer operation has completed. An external
device asserts
p_[d,i]_hready to terminate the transfer. p_hresp[2:0] indicate the transfer
status.
State
Meaning
Asserted—A requested transfer operation has completed. An external device
asserts
p_[d,i]_hready to terminate the transfer.
Negated—A requested transfer operation has not completed.
p_hresp[2:0]
I
Transfer response. Indicate status of a terminating transfer.
000 OKAY—Transfer terminated normally.
001 ERROR—Transfer terminated abnormally. See note for assertion.
010 Reserved (RETRY not supported in AHB-Lite protocol)
011 Reserved (SPLIT not supported in AHB-Lite protocol)
100 XFAIL—Exclusive store failed (stwcx. did not complete successfully). See note for
assertion. (Signaled to the CPU using the
p_xfail_b internal signal. See Table 190.)
101–111 Reserved
Timing
Assertion—ERROR and XFAIL are required to be 2-cycle responses that must be
signaled one cycle before assertion of
p_[d,i]_hready and must remain unchanged
during the cycle
p_[d,i]_hready is asserted. The XFAIL response is signaled to the
CPU using the
p_xfail_b internal signal.
Table 174.
Descriptions of master ID configuration signals
Signal
I/O
Signal description
p_masterid[3:0]
I
CPU master. Configures the master ID for the CPU. Driven on
p_[d,i]_hmaster[3:0] for a
CPU-initiated bus cycle.
nex_masterid[3:0]
I
Nexus3 master. Configure the master ID for the Nexus3 unit. Driven on
p_[d,i]_hmaster[3:0] for a Nexus3-initiated bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com