Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 253 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 249Page - STMicroelectronics UM0434 Datasheet HTML 250Page - STMicroelectronics UM0434 Datasheet HTML 251Page - STMicroelectronics UM0434 Datasheet HTML 252Page - STMicroelectronics UM0434 Datasheet HTML 253Page - STMicroelectronics UM0434 Datasheet HTML 254Page - STMicroelectronics UM0434 Datasheet HTML 255Page - STMicroelectronics UM0434 Datasheet HTML 256Page - STMicroelectronics UM0434 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 390 page
background image
External core complex interfaces
UM0434
254/391
Table 177 describes the processor reservation signals associated with lwarx and stwcx..
Table 178 describes miscellaneous processor signals.
p_tbint
O
Timer interrupt status. Indicates whether an internal timer facility unit is requesting an interrupt
(TSR[WIS]=1 and TCR[WIE]=1, or TSR[DIS]=1 and TCR[DIE]=1, or
TSR[FIS]=1 and TCR[FIE]=1). May be used to exit low power operation or for other system
purposes.
State
Meaning
Asserted—An internal timer facility unit is generating an interrupt request.
Negated—An internal timer facility unit is not generating an interrupt request.
Table 176.
Descriptions of timer facility signals (continued)
Signal
I/O
Signal description
Table 177.
Descriptions of processor reservation signals
Signal
I/O
Signal description
p_rsrv
O
CPU reservation status. Indicates whether a reservation was established by the execution of an
lwarx.
State
Meaning
Asserted—A reservation was established by successful execution of an lwarx.
Remains asserted until the reservation is cleared.
Negated—No reservation is in effect.
Timing Assertion—Remains asserted until the reservation is cleared.
p_rsrv_clr
I
CPU reservation clear. Used to clear a reservation. External logic may use this signal to
implement reservation management policies outside the scope of the CPU.
p_xfail_b indicates
success/failure of an stwcx. as part of bus transfer termination using the XFAIL
p_hresp[2:0]
encoding.
State
Meaning
Asserted—Signals that a reservation should be cleared. Asserted independently of
any bus transfer.
Timing Assertion—Asserted independently of any bus transfer.
Table 178.
Descriptions of miscellaneous processor signals
Signal
I/O
Signal description
p_cpuid[0:7]
I
CPU ID. Reflected in the PIR. See
Chapter 4.4.2: Processor ID register (PIR) on page 45.”
Timing Intended to remain in a static condition and are not internally synchronized.
p_pid0[0:7]
O
PID0 outputs. Reflected to PID0[56–63]. See
Chapter 4.16.5: Process ID register (PID0) on
page 96.”
p_pid0_updt
O
PID0 update. Indicates that PID0 is being updated by an mtspr.
State
Meaning
Asserted—PID0 is being updated by an mtspr.
Negated—PID0 is not being updated by an mtspr.
Timing Assertion—asserts during the clock cycle the
p_pid0[0:7] outputs are changing
.
p_sysvers[0:31]
I
System version. Core version number reflected in the SVR. See
Chapter 4.4.4: System
version register (SVR) on page 46.”
Timing Intended to remain in a static condition and not internally synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com