Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 255 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 255 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 251Page - STMicroelectronics UM0434 Datasheet HTML 252Page - STMicroelectronics UM0434 Datasheet HTML 253Page - STMicroelectronics UM0434 Datasheet HTML 254Page - STMicroelectronics UM0434 Datasheet HTML 255Page - STMicroelectronics UM0434 Datasheet HTML 256Page - STMicroelectronics UM0434 Datasheet HTML 257Page - STMicroelectronics UM0434 Datasheet HTML 258Page - STMicroelectronics UM0434 Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 390 page
background image
External core complex interfaces
UM0434
256/391
Table 180 describes power management and other external control logic functions.
p_brstat[0:1] O
Branch prediction status. Indicates the status of a branch prediction prefetch. Such prefetches
are performed for branch target buffer (BTB) hits with predict taken status to accelerate
branches.
p_s1stat[0:1] S1 prefetch status
0x Default (no branch-predicted taken prefetch)
10 Branch-predicted taken prefetch resolved as not taken
11 Branch-predicted taken prefetch resolved as taken
Timing
Synchronous with
m_clk, so the indicated status may not apply to a current bus
transfer.
p_mcp_out
O
Processor machine check. Indicates whether a machine check condition has caused a
syndrome bit to be set in the machine check syndrome register (MCSR).
State
Meaning
Asserted—A machine check condition caused an MCSR bit to be set.
Negated—No machine check condition exists that would set an MCSR bit.
p_chkstop
O
Processor checkstop. Asserted by the processor when a checkstop condition has occurred and
the CPU has entered the checkstop state.
State
Meaning
Asserted—The processor has indicated a checkstop condition.
Negated—The processor has not indicated a checkstop condition.
1.
As reflected on the
cpu_dbgack internal state signal
2.
Except rfi, rfci, rfdi, lmw, stmw, lwarx, stwcx., isync, isel, se_rfi, se_rfci, se_rfdi, e_lmw, e_stmw, se_isel, and
change of flow instructions
3.
s: instruction size, 0 = 32 bit, 1 = 16 bit.
m: 0 for Book E page, 1 for VLE page
Table 179.
Descriptions of processor state signals (continued)
Signal
I/O
Signal description
Table 180.
Descriptions of power management control signals
Signal
I/O
Signal description
p_halt
I
Processor halt request. Used to request that the processor enter the halted state.
State
Meaning
Asserted—Requests the processor to enter halted state.
Negated—No request is being made for the processor to enter halted state.
p_halted
O
Processor halted. The active-high
p_halted output signal indicates that the processor entered the
halted state.
State
Meaning
Asserted—The processor is in halted state.
Negated—The processor is not in halted state.
p_stop
I
Processor stop request. The active-high
p_stop input signal requests that the processor enter the
stopped state.
State
Meaning
Asserted—Requests the processor to enter stopped state.
Negated—No request is being made for the processor to enter stopped state.
p_stopped O
Processor stopped. The active-high
p_stopped output signal indicates that the processor entered
the stopped state.
State
Meaning
Asserted—The processor is in stopped state.
Negated—The processor is not in stopped state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com