Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 259 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 255Page - STMicroelectronics UM0434 Datasheet HTML 256Page - STMicroelectronics UM0434 Datasheet HTML 257Page - STMicroelectronics UM0434 Datasheet HTML 258Page - STMicroelectronics UM0434 Datasheet HTML 259Page - STMicroelectronics UM0434 Datasheet HTML 260Page - STMicroelectronics UM0434 Datasheet HTML 261Page - STMicroelectronics UM0434 Datasheet HTML 262Page - STMicroelectronics UM0434 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 390 page
background image
External core complex interfaces
UM0434
260/391
Table 184 lists interface signals that assist in implementing a real-time development tool
capability with a controller that is external to the core. These signals are described in
Chapter 12.11: Nexus3 pin interface on page 371.”
Table 185 lists the primary JTAG interface signals. These signals are usually connected
directly to device pins (except for
j_tdo, which needs tri-state and edge support logic),
unless JTAG TAP controllers are concatenated.
Table 186 describes JTAG interface signals.
Table 184.
core development support (Nexus3) signals
Signal
Type
Description
nex_mcko
O
Nexus3 clock output
nex_rdy_b
O
Nexus3 ready output
nex_evto_b
O
Nexus3 event-out output
nex_evti_b
I
Nexus3 event-in input
nex_mdo[n:0]
O
Nexus3 message data output
nex_mseo_b[1:0]
O
Nexus3 message start/end output
Table 185.
JTAG primary interface signals
Signal name
Type
Description
j_trst_b
I
JTAG test reset
j_tclk
I
JTAG test clock
j_tms
I
JTAG test mode select
j_tdi
I
JTAG test data input
j_tdo
O
Test data out to master controller or pad
j_tdo_en
O
Enables TDO output buffer.
j_tdo_en is asserted when the TAP controller
is in the shift_dr or shift_ir state.
Table 186.
Descriptions of JTAG interface signals
Signal
I/O
Signal description
j_tdi
I
JTAG/OnCE serial input. Provides data and commands to the OnCE controller. Data is
latched on the rising edge of
j_tclk. Data is shifted into the OnCE serial port lsb first.
j_tclk
I
JTAG/OnCE serial clock. Supplies the serial clock to the OnCE control block. The serial
clock provides pulses required to shift data and commands into and out of the OnCE serial
port (data is clocked into the OnCE on the rising edge and is clocked out of the OnCE
serial port on the rising edge). The debug serial clock frequency must not exceed 50% of
the processor clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com