| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 261 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 261 Page - STMicroelectronics |
|
261 / 390 page ![]() External core complex interfaces UM0434 262/391 j_update_ir O Update IR. Indicates the TAP controller is in the Update_IR state. State Meaning Asserted—The TAP controller is in Update_IR state. Negated—The TAP controller is not in Update_IR state. j_capture_dr O Capture DR. Indicates whether the TAP controller is in the Capture_DR state. State Meaning Asserted—The TAP controller is in Capture_DR state. Negated—The TAP controller is not in Capture_DR state. j_shift_dr O Shift DR. Indicates whether the TAP controller is in the Shift_DR state. State Meaning Asserted—The TAP controller is in Shift_DR state. Negated—The TAP controller is not in Shift_DR state. j_update_gp_reg O Update DR. Indicates whether the TAP controller is in the Update_DR state. State Meaning Asserted—The TAP controller is in the Update_DR state, and OCMD[R/W] is low (write command). j_gp_regsel[0:11] should be monitored to see which register, if any, needs updating. Negated—The TAP controller is not in the Update_DR state. j_gp_regsel O Register select. Decoded from the OCMD[RS]. They are used to specify which external general-purpose JTAG register to access using the core TAP controller. Signal Name Type RS j_gp_regsel[0] O 0x70 j_gp_regsel[1] O 0x71 j_gp_regsel[2] O 0x72 j_gp_regsel[3] O 0x73 j_gp_regsel[4] O 0x74 j_gp_regsel[5] O 0x75 j_gp_regsel[6] O 0x76 j_gp_regsel[7] O 0x77 j_gp_regsel[8] O 0x78 j_gp_regsel[9] O 0x79 j_gp_regsel[10] O 0x7A j_gp_regsel[11] O 0x7B j_en_once_regsel O Enable once register select. This control signal can be used by external security logic to help control jd_enable_once. The external enable_OnCE register should be muxed onto the j_serial_data input. During the Shift_DR state, j_serial_data is supplied to j_tdo. State Meaning Asserted—A decode of OCMD[RS] indicates an external enable_OnCE register is selected (0b1111110 encoding) for access using the core TAP controller. j_nexus_regsel O External Nexus register select. State Meaning Asserted—A decode of OCMD[RS] indicates an external Nexus register is selected (0b1111100 encoding) for access using the core TAP controller. Negated—No Nexus register is selected. j_lsrl_regsel O LSRL register select. State Meaning Asserted—A decode of OCMD[RS] indicates an external LSRL register is selected (0b1111101 encoding) for access using the core TAP controller. Table 186. Descriptions of JTAG interface signals (continued) Signal I/O Signal description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |