Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 262 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 262 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 258Page - STMicroelectronics UM0434 Datasheet HTML 259Page - STMicroelectronics UM0434 Datasheet HTML 260Page - STMicroelectronics UM0434 Datasheet HTML 261Page - STMicroelectronics UM0434 Datasheet HTML 262Page - STMicroelectronics UM0434 Datasheet HTML 263Page - STMicroelectronics UM0434 Datasheet HTML 264Page - STMicroelectronics UM0434 Datasheet HTML 265Page - STMicroelectronics UM0434 Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 390 page
background image
UM0434
External core complex interfaces
263/391
Figure 32 shows an example for designing an external JTAG register set using the inputs
and outputs provided along with the JTAG primary inputs. The main components are a clock
generation unit, a JTAG shifter (load, shift, hold, clr), the registers (load, hold, clr), and an
input mux to the shifter for the serial output back to the core.The shifter and the registers
may be as wide as the application warrants [0:x]. The length determines the number of
states the TAP controller is held in Shift_DR (x+1).
Figure 32.
Example external JTAG register design
9.3.2
JTAG ID signals
Table 187 shows the JTAG ID register unique to Freescale as specified by the IEEE 1149.1
JTAG Specification. Note that bit 31 is the msb of this register.
j_serial_data
I
Serial data. Receives serial data from external JTAG registers. All external registers share
this serial output back to the core. Therefore it must be muxed using
j_gp_regsel[0:11],
j_lsrl_regsel, and j_en_once_regsel. The data is internally routed to j_tdo.
j_key_in
I
Key data in. Receives serial data from logic to indicate a key or other value to be scanned
out in the Shift_IR state when the current value in the IR is the Enable_OnCE instruction.
This input is provided to assist in implementing security logic outside of the core, which
conditionally asserts
jd_en_once. During the Shift_IR state, when jd_en_once is negated,
this input is sampled on the rising edge of
j_tclk, and, after a 2-clock delay, the data is
internally routed to
j_tdo. This allows provision of a key value via the j_tdo output following
a transition from Capture_IR to Shift_IR.
j_key_in provides the key value.
Table 186.
Descriptions of JTAG interface signals (continued)
Signal
I/O
Signal description
Shifter
D
Data
Q
REG0
Q
D
REG1
Q
j_gp_regsel[1:0]
S
D
0
1
reg0_dat
reg1_dat
clk_reg0 2
clk_reg13
2.
clk_reg0 = j_tclk & j_update_gp_reg & j_gp_regsel[0]
3.
clk_reg1 = j_tclk & j_update_gp_reg & j_gp_regsel[1]
SI
SO
j_serial_data
j_tdi
clk_shfter 1
1.
clk_shfter = j_tclk & (j_shift_dr | j_capture_dr)
CLK
GEN
j_tclk
j_gp_regsel[1:0]
j_shift_dr
j_update_gp_reg
SHIFT
LOAD
j_capture_dr
j_shift_dr
j_capture_dr
j_trst_b
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com