Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 266 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 266 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 262Page - STMicroelectronics UM0434 Datasheet HTML 263Page - STMicroelectronics UM0434 Datasheet HTML 264Page - STMicroelectronics UM0434 Datasheet HTML 265Page - STMicroelectronics UM0434 Datasheet HTML 266Page - STMicroelectronics UM0434 Datasheet HTML 267Page - STMicroelectronics UM0434 Datasheet HTML 268Page - STMicroelectronics UM0434 Datasheet HTML 269Page - STMicroelectronics UM0434 Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 390 page
background image
UM0434
External core complex interfaces
267/391
Figure 33.
Basic read Transfer—Single-Cycle reads, full pipelining
●
Clock 1 (C1)—The first read transfer starts in clock cycle 1. During C1, the core places
valid values on the address bus and transfer attributes. The burst type
(
p_[d,i]_hburst[2:0]), protection control (p_[d,i]_hprot[5:0]), and transfer type
(
p_[d,i]_htrans[1:0]) attributes identify the specific access type. The transfer size
attributes (
p_[d,i]_hsize[1:0]) indicate the size of the transfer. The byte strobes
(
p_[d,i]_hbstrb[7:0]) are driven to indicate active byte lanes. The write (p_[d,i]_hwrite)
signal is driven low for a read cycle.
The core asserts a transfer request (
p_[d,i]_htrans= NONSEQ) during C1 to indicate
that a transfer is being requested. Because the bus is currently idle, (0 transfers
outstanding), the first read request to addrx is considered taken at the end of C1. The
default slave drives a ready/OKAY response for the current idle cycle.
●
Clock 2 (C2)—During C2, the addrx memory access takes place, using the address
and attribute values that were driven during C1 to enable reading of 1 or more bytes of
memory. Read data from the slave device is provided on the
p_[d,i]_hrdata inputs. The
slave device responds by asserting
p_[d,i]_hready to indicate that the cycle is
completing, and it drives an OKAY response.
Another read transfer request is made during C2 to addry (p_[d,i]_htrans = NONSEQ),
and because the access to addrx is completing, it is considered taken at the end of C2.
●
Clock 3 (C3)—During C3, the addry memory access takes place, using the address
and attribute values that were driven during C2 to enable reading of one or more bytes
of memory. Read data from the slave device for addry is provided on the p_[d,i]_hrdata
inputs. The slave device responds by asserting
p_[d,i]_hready to indicate the cycle is
completing, and it drives an OKAY response.
Another read transfer request is made during C3 to addrz (p_[d,i]_htrans = NONSEQ),
and because the access to addry is completing, it is considered taken at the end of C3.
●
Clock 4 (C4)—During C4, the addrz memory access takes place, using the address
and attribute values that were driven during C3 to enable reading of one or more bytes
nonseq
nonseq
nonseq
idle
addr x
addr y
addr z
single
single
single
data x
data y
data z
okay
okay
okay
okay
123
4
5
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com