| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 267 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 267 Page - STMicroelectronics |
|
267 / 390 page ![]() External core complex interfaces UM0434 268/391 of memory. Read data from the slave device for addrz is provided on the p_[d,i]_hrdata inputs. The slave device responds by asserting p_[d,i]_hready to indicate the cycle is completing, and it drives an OKAY response. Because the CPU has no additional outstanding requests, p_[d,i]_htrans indicates IDLE and the address and attribute signals are undefined. Read transfer with wait state Figure 34 shows an example of wait state operation. Because signal p_[d,i]_hready for the first request (addrx) is not asserted during C2, a wait state is inserted until p_[d,i]_hready is recognized (during C3). Meanwhile, a subsequent request was generated by the CPU for addry which is not taken in C2, because the previous transaction is still outstanding. The address and transfer attributes remain driven in cycle C3 and are taken at the end of C3 because the previous access is completing. Data for addrx and a ready/OKAY response are driven back by the slave device. In cycle C4, a request for addrz is made. The request for access to addrz is taken at the end of C4, and during C5, the slave device provides the data and a ready/OKAY response. In cycle C5, no further accesses are requested. Figure 34. Read with Wait-State, Single-Cycle reads, full pipelining Basic write transfer cycles During a write transfer, the core provides write data to a memory or peripheral device. Figure 35 shows functional timing for basic write transfers. Clock-by-clock descriptions of activity in Figure 35 follow. nonseq nonseq nonseq idle addr x addr y addr z single single single data x data y data z okay okay okay okay okay 1234 5 6 m_clk p_htrans p_addr,p_hprot p_hsize, p_hbstrb, etc p_hburst p_hunalign p_hwrite p_hrdata p_hwdata p_hready p_hresp |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |