Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 271 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 267Page - STMicroelectronics UM0434 Datasheet HTML 268Page - STMicroelectronics UM0434 Datasheet HTML 269Page - STMicroelectronics UM0434 Datasheet HTML 270Page - STMicroelectronics UM0434 Datasheet HTML 271Page - STMicroelectronics UM0434 Datasheet HTML 272Page - STMicroelectronics UM0434 Datasheet HTML 273Page - STMicroelectronics UM0434 Datasheet HTML 274Page - STMicroelectronics UM0434 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 390 page
background image
External core complex interfaces
UM0434
272/391
Figure 38 shows another sequence of read and write cycles. This example shows an
interleaved write access between two reads.
Figure 38.
Single-Cycle read, write, Read—Full pipelining
The first read request (addrx) is taken at the end of cycle C1 because the bus is idle. The
first write request (addry) is taken at the end of C2 because the first access is terminating
(addrx). Data for the addry write cycle is driven in C3, the cycle after the access is taken.
Also during C3, a request is generated for a read to addrz, which is taken at the end of C3
because the write access is terminating.
During C4, the addry write access is terminated, and no further access is requested.
nonseq
nonseq
nonseq
idle
addr x
addr y
addr z
single
single
single
data x
data z
data y
okay
okay
okay
okay
12
34
5
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com