Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 272 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 272 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 268Page - STMicroelectronics UM0434 Datasheet HTML 269Page - STMicroelectronics UM0434 Datasheet HTML 270Page - STMicroelectronics UM0434 Datasheet HTML 271Page - STMicroelectronics UM0434 Datasheet HTML 272Page - STMicroelectronics UM0434 Datasheet HTML 273Page - STMicroelectronics UM0434 Datasheet HTML 274Page - STMicroelectronics UM0434 Datasheet HTML 275Page - STMicroelectronics UM0434 Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 390 page
background image
UM0434
External core complex interfaces
273/391
Figure 39 shows another sequence of read and write cycles. In this example, reads incur a
single wait state.
Figure 39.
Multiple-Cycle reads with Wait-State, Single-Cycle writes, full pipelining
The first read request (addrx) is taken at the end of cycle C1 because the bus is idle. The
second read request (addry) is not taken at the end of cycle C2 because no ready response
is signaled and only one access can be outstanding (addrx). It is taken at the end of C3 once
the first read request has signaled a ready/OKAY response.
The first write request (addrz) is not taken during C4 because a ready response is not
asserted during C4 for the second read access (addry). During C5, the request for a write to
addrz is taken because the second access is terminating.
Data for the addrz write cycle is driven in C6, the cycle after the access is taken. During C6,
the addrz write access is terminated and the addrw write request is taken.
During C7, data for the addrw write access is driven, and a ready/OKAY response is
asserted to complete the write cycle to addrw.
nonseq
nonseq
nonseq
nonseq
idle
addr x
addr y
addr z
addr w
single
single
single
single
data x
data y
data z
data w
okay
okay
okay
okay
okay
okay
okay
12
345
67
8
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com