Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 273 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 273 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 269Page - STMicroelectronics UM0434 Datasheet HTML 270Page - STMicroelectronics UM0434 Datasheet HTML 271Page - STMicroelectronics UM0434 Datasheet HTML 272Page - STMicroelectronics UM0434 Datasheet HTML 273Page - STMicroelectronics UM0434 Datasheet HTML 274Page - STMicroelectronics UM0434 Datasheet HTML 275Page - STMicroelectronics UM0434 Datasheet HTML 276Page - STMicroelectronics UM0434 Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 390 page
background image
External core complex interfaces
UM0434
274/391
Figure 40 shows another sequence of read and write cycles. In this example, reads incur a
single wait state.
Figure 40.
Multi-Cycle read with Wait-State, Single-Cycle write,
read with Wait-State, Single-Cycle write, full pipelining -
The first read request (addrx) is taken at the end of cycle C1 because the bus is idle.
The first write request (addry) is not taken at the end of cycle C2 because no ready
response is signaled and only one access can be outstanding (addrx). It is taken at the end
of C3 once the first read request has signaled a ready/OKAY response.
Data for the addry write cycle is driven in C4, the cycle after the access is taken. The second
read request (addrz) is taken during C4 because the addry write is terminating.
A second write request (addrw) is not taken at the end of C5 because the second read
access is not terminating, and it continues to drive the address and attributes into cycle C6.
During C6, the addrz read access is terminated and the addrw write access is taken.
In cycle C7, data for the addrw write access is driven. During C7, a ready/OKAY response is
asserted to complete the write cycle to addrw. No further accesses are requested, so
p_[d,i]_htrans signals IDLE.
nonseq
nonseq
nonseq
nonseq
idle
addr x
addr y
addr z
addr w
single
single
single
single
data x
data z
data y
data w
okay
okay
okay
okay
okay
okay
okay
123
4
5
6
7
8
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com