Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 277 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 277 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 273Page - STMicroelectronics UM0434 Datasheet HTML 274Page - STMicroelectronics UM0434 Datasheet HTML 275Page - STMicroelectronics UM0434 Datasheet HTML 276Page - STMicroelectronics UM0434 Datasheet HTML 277Page - STMicroelectronics UM0434 Datasheet HTML 278Page - STMicroelectronics UM0434 Datasheet HTML 279Page - STMicroelectronics UM0434 Datasheet HTML 280Page - STMicroelectronics UM0434 Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 390 page
background image
External core complex interfaces
UM0434
278/391
The
p_[d,i]_hburst signals indicate INCR for all burst transfers. The p_[d,i]_hunalign signal is
negated.
p_[d,i]_hsize indicates 64-bits, and all eight p_[d,i]_hbstrb signals are asserted.
The burst address is aligned to a 64-bit boundary and increments by double words. Note
that in this example four beats are shown, but in operation the burst may be of any length
including only a single beat.
Note:
Bursts can be interrupted immediately at any time and can be followed by any type of cycle.
No idle cycle is required.
Figure 45 shows functional timing for a burst read with wait-state transfer.
Figure 45.
Burst read with Wait-state transfer
The first cycle of the burst incurs a single wait-state.
nonseq
seq
seq
seq
...
addr x
addr x+8
addr x+16
addr x+24
incr
data x
data x+8
data x+16
data x+24
okay
okay
okay
okay
okay
okay
Burst Read with wait-state
1
23456
7
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com