Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 279 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 279 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 275Page - STMicroelectronics UM0434 Datasheet HTML 276Page - STMicroelectronics UM0434 Datasheet HTML 277Page - STMicroelectronics UM0434 Datasheet HTML 278Page - STMicroelectronics UM0434 Datasheet HTML 279Page - STMicroelectronics UM0434 Datasheet HTML 280Page - STMicroelectronics UM0434 Datasheet HTML 281Page - STMicroelectronics UM0434 Datasheet HTML 282Page - STMicroelectronics UM0434 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 390 page
background image
External core complex interfaces
UM0434
280/391
The first cycle of the burst incurs a single wait-state. Data for the second beat of the burst is
valid the cycle after the second beat is
taken.
Figure 48 shows functional timing for a pair of burst read transfers.
Figure 48.
Burst read transfers
Note that in this example the first burst is two beats long and is followed immediately by a
second burst which is unrelated to the first.
Note:
Bursts may be of any length (including a single beat) and may be followed immediately by
any type of transfer. No idle cycles are required.
nonseq
seq
nonseq
seq
...
addr x
addr x+8
addr y
addr y+8
incr
data x
data x+8
data y
data y+8
okay
okay
okay
okay
okay
Burst Read
12
3
4
5
6
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com