Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 282 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 282 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 278Page - STMicroelectronics UM0434 Datasheet HTML 279Page - STMicroelectronics UM0434 Datasheet HTML 280Page - STMicroelectronics UM0434 Datasheet HTML 281Page - STMicroelectronics UM0434 Datasheet HTML 282Page - STMicroelectronics UM0434 Datasheet HTML 283Page - STMicroelectronics UM0434 Datasheet HTML 284Page - STMicroelectronics UM0434 Datasheet HTML 285Page - STMicroelectronics UM0434 Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 390 page
background image
UM0434
External core complex interfaces
283/391
Figure 52.
Burst read with Wait-State transfer, retraction
The first cycle of the burst incurs a single wait-state, and the burst is replaced by another
burst. Replacement by a single access is also possible.
Address retraction does not occur on a requested write cycle, only on read cycles. It also
may occur any time during a burst cycle.
Error termination operation
The
p_[d,i]_hresp[2:0] inputs signal an error termination for an access in progress. The
ERROR encoding is used with the assertion of
p_[d,i]_hready to terminate a cycle with
error. Error termination is a two-cycle termination; the first cycle consists of signaling the
ERROR response on
p_[d,i]_hresp[2:0] while holding p_[d,i]_hready negated, and during
the second cycle, asserting
p_[d,i]_hready while continuing to drive the ERROR response
on
p_[d,i]_hresp[2:0]. This 2-cycle termination allows the BIU to retract a pending access if it
desires to do so.
p_[d,i]_htrans may be driven to IDLE during the second cycle of the two-
cycle error response, or may change to any other value, and a new access unrelated to the
pending access may be requested. The cycle that may have been previously pending while
waiting for a response that terminates with error may be changed. It is not required to
remain unchanged when an error response is received.
nonseq
seq
seq
seq
idle
addr x
addr y+8
addr y+16
incr
data x
data y
data y+8
data y+16
okay
okay
okay
okay
okay
okay
Burst Read with wait-state
12345
6
7
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp
addr y
addr x+8
nonseq



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com