Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 284 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 284 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 280Page - STMicroelectronics UM0434 Datasheet HTML 281Page - STMicroelectronics UM0434 Datasheet HTML 282Page - STMicroelectronics UM0434 Datasheet HTML 283Page - STMicroelectronics UM0434 Datasheet HTML 284Page - STMicroelectronics UM0434 Datasheet HTML 285Page - STMicroelectronics UM0434 Datasheet HTML 286Page - STMicroelectronics UM0434 Datasheet HTML 287Page - STMicroelectronics UM0434 Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 390 page
background image
UM0434
External core complex interfaces
285/391
Figure 54.
Data read with error, data write retracted, instruction read, full pipelining
The first read request (addrx) is taken at the end of cycle C1 because the bus is idle. It is a
data read.
The second request (write to addry) is not taken at the end of C2 because the first access is
still outstanding (no
p_[d,i]_hready assertion). An error response is signaled by the
addressed slave for addrx by driving ERROR onto the p_[d,i]_hresp[2:0] inputs. This is the
first cycle of the two cycle error response protocol.
p_[d,i]_hready is asserted during C3 for the first read access (addr
x) while the ERROR
encoding remains driven on
p_[d,i]_hresp[2:0], terminating the access. The read data bus is
undefined.
In this example of error termination, the CPU retracts the requested access to addry by
driving
p_[d,i]_htrans signals to the IDLE state during the second cycle of the two-cycle
error response.
A different access to addrz is requested during C4 and is taken at the end of C4. During C5,
read data is supplied for the addrz read, and the access is terminated normally.
In this example of error termination, a subsequent access was aborted.
nonseq
nonseq
idle
nonseq
idle
addr x
addr y
addr z
single
single
single
data x
data z
okay
error
error
okay
okay
12
34
5
6
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com