Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 270 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 270 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 266Page - STMicroelectronics UM0434 Datasheet HTML 267Page - STMicroelectronics UM0434 Datasheet HTML 268Page - STMicroelectronics UM0434 Datasheet HTML 269Page - STMicroelectronics UM0434 Datasheet HTML 270Page - STMicroelectronics UM0434 Datasheet HTML 271Page - STMicroelectronics UM0434 Datasheet HTML 272Page - STMicroelectronics UM0434 Datasheet HTML 273Page - STMicroelectronics UM0434 Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 390 page
background image
UM0434
External core complex interfaces
271/391
Read and write transfers
Figure 37 shows a sequence of read and write cycles.
Figure 37.
Single-Cycle reads, Single-Cycle write, full pipelining
The first read request (addrx) is taken at the end of cycle C1 because the bus is idle. The
second read request (addry) is taken at the end of C2 because a ready/OKAY response is
asserted during C2 for the first read access (addrx). During C3, a request is generated for a
write to addry which is taken at the end of C3 because the second access is terminating.
Data for the addrz write cycle is driven in C4, the cycle after the access is taken, and a
ready/OKAY response is signaled to complete the write cycle to addrz.
nonseq
nonseq
nonseq
idle
addr x
addr y
addr z
single
single
single
data x
data y
data z
okay
okay
okay
okay
12
3
4
5
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com