Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 268 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 268 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 264Page - STMicroelectronics UM0434 Datasheet HTML 265Page - STMicroelectronics UM0434 Datasheet HTML 266Page - STMicroelectronics UM0434 Datasheet HTML 267Page - STMicroelectronics UM0434 Datasheet HTML 268Page - STMicroelectronics UM0434 Datasheet HTML 269Page - STMicroelectronics UM0434 Datasheet HTML 270Page - STMicroelectronics UM0434 Datasheet HTML 271Page - STMicroelectronics UM0434 Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 390 page
background image
UM0434
External core complex interfaces
269/391
Figure 35.
Basic write Transfers—Single-Cycle writes, full pipelining
●
Clock 1 (C1)—The first write transfer starts in clock cycle 1. During C1, the core places
valid values on the address bus and transfer attributes. The burst type
(
p_[d,i]_hburst[2:0]), protection control (p_[d,i]_hprot[5:0]), and transfer type
(
p_[d,i]_htrans[1:0]) attributes identify the specific access type. The transfer size
attributes (
p_[d,i]_hsize[1:0]) indicate the size of the transfer. The byte strobes
(
p_[d,i]_hbstrb[7:0]) are driven to indicate active byte lanes. The write (p_[d,i]_hwrite)
signal is driven high for a write cycle. The core asserts transfer request (
p_[d,i]_htrans=
NONSEQ) during C1 to indicate that a transfer is being requested. Because the bus is
idle, (0 transfers outstanding), the first read request to addrx is considered taken at the
end of C1. The default slave drives a ready/OKAY response for the current idle cycle.
●
Clock 2 (C2)—During C2, the write data for the access is driven and the addrx memory
access occurs using the address and attribute values (driven during C1) to enable
writing of one or more bytes of memory. The slave device responds by asserting
p_[d,i]_hready to indicate the cycle is completing and drives an OKAY response.
Another write transfer request is made during C2 to addry (p_[d,i]_htrans = NONSEQ),
and because the access to addrx is completing, it is considered taken at the end of C2.
●
Clock 3 (C3)—During C3, write data for addry is driven, and the addry memory access
takes place using the address and attribute values (driven during C2) to enable writing
of one or more bytes of memory. The slave device responds by asserting
p_[d,i]_hready to indicate the cycle is completing and drives an OKAY response.
Another write transfer request is made during C3 to addrz (p_[d,i]_htrans = NONSEQ),
and because the access to addry is completing, it is considered taken at the end of C3.
●
Clock 4 (C4)—During C4, write data for addrz is driven, and the addrz memory access
takes place using the address and attribute values (driven during C3) to enable reading
of one or more bytes of memory. The slave device responds by asserting
p_[d,i]_hready to indicate the cycle is completing and drives an OKAY response.
Because the CPU has no more outstanding requests,
p_[d,i]_htrans indicates IDLE
and the address and attribute signals are undefined.
nonseq
nonseq
nonseq
idle
addr x
addr y
addr z
single
single
single
data x
data y
data z
okay
okay
okay
okay
123
4
5
m_clk
p_htrans
p_addr,p_hprot
p_hsize,
p_hbstrb, etc
p_hburst
p_hunalign
p_hwrite
p_hrdata
p_hwdata
p_hready
p_hresp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com