Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 264 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 264 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 260Page - STMicroelectronics UM0434 Datasheet HTML 261Page - STMicroelectronics UM0434 Datasheet HTML 262Page - STMicroelectronics UM0434 Datasheet HTML 263Page - STMicroelectronics UM0434 Datasheet HTML 264Page - STMicroelectronics UM0434 Datasheet HTML 265Page - STMicroelectronics UM0434 Datasheet HTML 266Page - STMicroelectronics UM0434 Datasheet HTML 267Page - STMicroelectronics UM0434 Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 390 page
background image
UM0434
External core complex interfaces
265/391
9.4
Internal signals
Table 190 lists internal signals that are mentioned in this manual. These signals are not
directly accessible to the user, but are used in this document to help describe the general
behavior of the core.
9.5
Timing diagrams
The following sections discuss various types of timing diagrams.
9.5.1
Processor Instruction/Data transfers
Transfer of data between the core and peripherals involves the address bus, data buses,
and control and attribute signals. The address and data buses are parallel, non-multiplexed
buses, supporting byte, half word, 3-byte, word, and double-word transfers. All bus inputs
and outputs are sampled and driven with respect to the rising edge of
m_clk. The core
moves data on the bus by issuing control signals and using a handshake protocol to ensure
correct data movement.
The memory interface operates in a pipelined fashion to allow additional access time for
memory and peripherals. AHB transfers consist of an address phase that lasts only one
cycle, followed by the data phase that may last for one or more cycles, depending on the
state of
p_[d,i]_hready.
Table 190.
Internal signal descriptions
Signal name
Description
p_addr[0:31]
Address bus. Provides the address for a bus transfer.
p_ta_b
Transfer acknowledge. Indicates completion of a requested data transfer
operation. An external device asserts
p_ta_b to terminate the transfer. For
the core to accept the transfer as successful,
p_tea_b must remain high
while
p_ta_b is asserted.
p_tea_b
Transfer error acknowledge. Indicates that a transfer error condition has
occurred and causes the core to immediately terminate the transfer. An
external device asserts
p_tea_b to terminate the transfer with error. p_tea_b
has higher priority than
p_ta_b.
p_treq_b
Transfer request. The core drives this output to indicate that a new access
has been requested.
p_xfail_b
Store exclusive failure. An external agent causes assertion of
p_xfail_b to
indicate a failure of the store portion of an stwcx. for the current transfer.
p_xfail_b is ignored if p_tea_b is asserted, because the store terminated with
an error.
Assertion of
p_xfail_b with p_ta_b does not cause an exception; it indicates
that the store was not performed due to a loss of reservation (determined by
an external agent). The CPU updates the condition code accordingly and
clears any outstanding reservation.
p_xfail_b may be asserted by reservation
logic or as a result of a system bus transfer with a failure response that is
passed back to the CPU from the BIU. The AMBA XFAIL response is
signaled back to the CPU using this signal. See
Chapter 5.7: Memory
synchronization and reservation instructions on page 111.” p_xfail_b is
ignored for all transfers other than an stwcx..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com